Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3N65K Datasheet (PDF) - Unisonic Technologies

3N65K Datasheet PDF - Unisonic Technologies
Part # 3N65K
Download  3N65K Download
File Size   396.26 Kbytes
Page   8 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 3A, 650V N-CHANNEL POWER MOSFET

3N65K Datasheet (PDF)

Go To PDF Page Download Datasheet
3N65K Datasheet PDF - Unisonic Technologies

Part # 3N65K
Download  3N65K Click to download

File Size   396.26 Kbytes
Page   8 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 3A, 650V N-CHANNEL POWER MOSFET

3N65K Datasheet (HTML) - Unisonic Technologies


3N65K Product details

DESCRIPTION
The UTC 3N65K is a high voltage and high current power MOSFET designed to have better characteristics, such as fast switching time, low gate charge, low on-state resistance and high rugged avalanche characteristics. This power MOSFET is usually used in high speed switching applications at power supplies, PWM motor controls, high efficient DC to DC converters and bridge circuits.

FEATURES
* RDS(ON) = 3.8Ω @VGS = 10 V
* Ultra low gate charge ( typical 10 nC )
* Low reverse transfer capacitance ( CRSS = typical 5.5 pF )
* Fast switching capability
* Avalanche energy specified
* Improved dv/dt capability, high ruggedness




Similar Part No. - 3N65K

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
3N65K-MK UTC-3N65K-MK Datasheet
239Kb / 7P
N-CHANNEL INSULATED GATE BIPOLAR TRANSISTOR
3N65K-MK4 UTC-3N65K-MK4 Datasheet
210Kb / 6P
N-CHANNEL POWER MOSFE
3N65KG-TA3-T UTC-3N65KG-TA3-T Datasheet
239Kb / 7P
N-CHANNEL INSULATED GATE BIPOLAR TRANSISTOR
3N65KG-TF1-T UTC-3N65KG-TF1-T Datasheet
239Kb / 7P
N-CHANNEL INSULATED GATE BIPOLAR TRANSISTOR
3N65KG-TF2-T UTC-3N65KG-TF2-T Datasheet
239Kb / 7P
N-CHANNEL INSULATED GATE BIPOLAR TRANSISTOR
More results


Similar Description - 3N65K

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM12N65 TSC-TSM12N65 Datasheet
474Kb / 8P
650V N-Channel Power MOSFET
logo
Unisonic Technologies
3N65 UTC-3N65 Datasheet
399Kb / 8P
3A, 650V N-CHANNEL POWER MOSFET
3N65Z UTC-3N65Z Datasheet
350Kb / 8P
3A, 650V N-CHANNEL POWER MOSFET
3N65A UTC-3N65A Datasheet
399Kb / 8P
3A, 650V N-CHANNEL POWER MOSFET
logo
Taiwan Semiconductor Co...
TSM7N65 TSC-TSM7N65_12 Datasheet
408Kb / 9P
650V N-Channel Power MOSFET
TSM7N65A TSC-TSM7N65A Datasheet
514Kb / 6P
650V N-Channel Power MOSFET
logo
DIYI Electronic Technol...
6N65 DYELEC-6N65 Datasheet
1Mb / 8P
650V N-Channel Power MOSFET
7N65 DYELEC-7N65 Datasheet
2Mb / 9P
650V N-Channel Power MOSFET
8N65 DYELEC-8N65 Datasheet
1Mb / 9P
650V N-Channel Power MOSFET
logo
Microdiode Semiconducto...
10N65F CHENDA-10N65F Datasheet
527Kb / 4P
650V N-Channel Power MOSFET
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com