Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3N60K Datasheet (PDF) - Unisonic Technologies

3N60K Datasheet PDF - Unisonic Technologies
Part # 3N60K
Download  3N60K Download
File Size   383.58 Kbytes
Page   8 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 3A, 600V N-CHANNEL POWER MOSFET

3N60K Datasheet (PDF)

Go To PDF Page Download Datasheet
3N60K Datasheet PDF - Unisonic Technologies

Part # 3N60K
Download  3N60K Click to download

File Size   383.58 Kbytes
Page   8 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 3A, 600V N-CHANNEL POWER MOSFET

3N60K Datasheet (HTML) - Unisonic Technologies


3N60K Product details

DESCRIPTION

The UTC 3N60K is a high voltage and high current power MOSFET , designed to have better characteristics, such as fast switching time, low gate charge, low on-state resistance and have a high rugged avalanche characteristics. This power MOSFET is usually used at high speed switching applications in power supplies, PWM motor controls, high efficient DC to DC converters and bridge circuits.



FEATURES

* VDS = 600V, ID = 3A

* RDS(ON) = 3.6Ω @VGS = 10 V

* Ultra low gate charge ( typical 10 nC )

* Low reverse transfer capacitance ( CRSS = typical 5.5 pF )

* Fast switching capability

* Avalanche energy specified

* Improved dv/dt capability, high ruggedness




Similar Part No. - 3N60K

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
3N60K SUNMATE-3N60K Datasheet
2Mb / 7P
N-CHANNEL POWER MOSFET
logo
Unisonic Technologies
3N60K-MK UTC-3N60K-MK Datasheet
255Kb / 7P
N-CHANNEL DEPLETION-MODE POWER MOSFET
3N60K-MT UTC-3N60K-MT Datasheet
251Kb / 7P
N-CHANNEL ENHANCEMENT MODE MOSFET
3N60KG-TA3-T UTC-3N60KG-TA3-T Datasheet
255Kb / 7P
N-CHANNEL DEPLETION-MODE POWER MOSFET
3N60KG-TA3-T UTC-3N60KG-TA3-T Datasheet
251Kb / 7P
N-CHANNEL ENHANCEMENT MODE MOSFET
More results


Similar Description - 3N60K

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGB3NB60SD STMICROELECTRONICS-STGB3NB60SD Datasheet
336Kb / 8P
N-CHANNEL 3A - 600V D2PAK Power MESH™ IGBT
Nov-2000
STGD3NB60S STMICROELECTRONICS-STGD3NB60S Datasheet
83Kb / 8P
N-CHANNEL 3A - 600V DPAK Power MESH IGBT
Jun-1999
STGD3NB60SD STMICROELECTRONICS-STGD3NB60SD Datasheet
322Kb / 8P
N-CHANNEL 3A - 600V DPAK Power MESH IGBT
Mar-2000
logo
Taiwan Semiconductor Co...
TSM2N60S TSC-TSM2N60S Datasheet
328Kb / 8P
600V N-Channel Power MOSFET
logo
Unisonic Technologies
18N60 UTC-18N60_10 Datasheet
147Kb / 3P
600V N-CHANNEL POWER MOSFET
3N60 UTC-3N60 Datasheet
388Kb / 8P
3A, 600V N-CHANNEL POWER MOSFET
3N60 UTC-3N60_11 Datasheet
388Kb / 8P
3A, 600V N-CHANNEL POWER MOSFET
3N60A UTC-3N60A Datasheet
382Kb / 8P
3A, 600V N-CHANNEL POWER MOSFET
3N60Z UTC-3N60Z Datasheet
368Kb / 8P
3A, 600V N-CHANNEL POWER MOSFET
logo
Alpha & Omega Semicondu...
AOD3C60 AOSMD-AOD3C60 Datasheet
261Kb / 6P
600V,3A N-Channel MOSFET
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com