Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXP819P60M Datasheet (PDF) - Sony Corporation

CXP819P60M Datasheet PDF - Sony Corporation
Part # CXP819P60M
Download  CXP819P60M Download
File Size   367.05 Kbytes
Page   27 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description CMOS 8-bit Single Chip Microcomputer

CXP819P60M Datasheet (PDF)

Go To PDF Page Download Datasheet
CXP819P60M Datasheet PDF - Sony Corporation

Part # CXP819P60M
Download  CXP819P60M Click to download

File Size   367.05 Kbytes
Page   27 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description CMOS 8-bit Single Chip Microcomputer

CXP819P60M Datasheet (HTML) - Sony Corporation


CXP819P60M Product details

Description
The CXP819P60M is a CMOS 8-bit micro-computer which consists of A/D converter, serial interface, timer/counter, time base timer, vector interruption, high precision timing pattern generation circuit, PWM generator, PWM for tuner, 32kHz timer/event counter, remote control receiving circuit, general purpose prescaler, and external signal, as well as basic configurations like 8-bit CPU, PROM, RAM and I/O port. They are integrated into a single chip.

Features
• A wide instruction set (213 instructions) which cover various types of data
    — 16-bit operation/multiplication and division/boolean bit operation instructions
• Minimum instruction cycle 250ns at 16MHz operation (4.5 to 5.5V) 333ns at 12MHz operation (2.7 to 5.5V) 122µs at 32kHz operation
• Incorporated PROM capacity 60K bytes
• Incorporated RAM capacity 2048 bytes
• Peripheral functions
    — A/D converter 8-bit, 12-channel, successive approximation system (Conversion time 20.0µs/16MHz)
    — Serial Interface Incorporated buffer RAM (1 to 32 bytes auto transfer) 1-channel Incorporated 8-bit and 8-stage FIFO for data (1 to 8 bytes auto transfer) 1-channel
    — Timer 8-bit timer, 8-bit timer/counter, 19-bit time base timer, 32kHz timer/counter
    — High precision timing pattern generator PPG 19-pin 32-stage programmable RTG 5-pin 2-channel
    — PWM/DA gate output PWM 12-bit, 2-channel (Repetitive frequency 62kHz/16MHz) DA gate pulse output 13-bit, 4-channel
    — FRC capture unit Incorporated 26-bit and 8-stage FIFO
    — PWM output 14-bit, 1-channel
    — Remote control receiving circuit 8-bit pulse measurement counter with on-chip, 6-stage FIFO
    — General purpose prescaler 7-bit (PG5 input frequency divided, FRC capture possible)
• Interruption 20 factors, 15 vectors, multi-interruption possible
• Standby mode SLEEP/STOP
• Package 100-pin plastic QFP/LQFP




Similar Part No. - CXP819P60M

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
CMOS 8-bit Single Chip Microcomputer
More results


Similar Description - CXP819P60M

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M37630M4T MITSUBISHI-M37630M4T Datasheet
571Kb / 48P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
38D5 RENESAS-38D5 Datasheet
2Mb / 141P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
3826OTP RENESAS-3826OTP Datasheet
999Kb / 91P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
38K0 RENESAS-38K0 Datasheet
1Mb / 133P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M3882 RENESAS-M3882 Datasheet
600Kb / 62P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
38C3 RENESAS-38C3 Datasheet
930Kb / 63P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
38C8 RENESAS-38C8 Datasheet
974Kb / 55P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
3825 RENESAS-3825 Datasheet
1Mb / 71P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M37515M4-XXXHP RENESAS-M37515M4-XXXHP Datasheet
800Kb / 55P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M37161M8 RENESAS-M37161M8 Datasheet
1Mb / 129P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com