Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF2081D Datasheet (PDF) - RF Monolithics, Inc

SF2081D Datasheet PDF - RF Monolithics, Inc
Part # SF2081D
Download  SF2081D Download
File Size   148.28 Kbytes
Page   3 Pages
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc
Description 1220 MHz SAW Filter

SF2081D Datasheet (PDF)

Go To PDF Page Download Datasheet
SF2081D Datasheet PDF - RF Monolithics, Inc

Part # SF2081D
Download  SF2081D Click to download

File Size   148.28 Kbytes
Page   3 Pages
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc
Description 1220 MHz SAW Filter

SF2081D Datasheet (HTML) - RF Monolithics, Inc


SF2081D Product details

• SAW Filter for Cable System
• Complies with Directive 2002/95/EC (RoHS)

Characteristics :
   Balance to Balanced operation
   Terminating source impedance : ZS = 200 W
   Terminating load impedance : ZL = 200 W




Similar Part No. - SF2081D

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
SF2081E RFM-SF2081E Datasheet
614Kb / 4P
1220 MHz SAW Filter
More results


Similar Description - SF2081D

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
856183 TRIQUINT-856183 Datasheet
559Kb / 5P
1220 MHz SAW Filter
856184 TRIQUINT-856184 Datasheet
580Kb / 5P
1220 MHz SAW Filter
856298 TRIQUINT-856298 Datasheet
564Kb / 5P
1220 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA0194A TAI-SAW-TA0194A Datasheet
297Kb / 5P
SAW Filter 1220 MHz
logo
RF Monolithics, Inc
SF2017D RFM-SF2017D Datasheet
178Kb / 4P
1220 MHz SAW Filter
SF2017E RFM-SF2017E Datasheet
779Kb / 5P
1220 MHz SAW Filter
SF2032E RFM-SF2032E Datasheet
166Kb / 5P
1220 MHz SAW Filter
SF2081E RFM-SF2081E Datasheet
614Kb / 4P
1220 MHz SAW Filter
SF2194E RFM-SF2194E Datasheet
475Kb / 5P
1220 MHz SAW Filter
logo
TriQuint Semiconductor
856298 TRIQUINT-856298_15 Datasheet
376Kb / 6P
1220 MHz SAW Filter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com