Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXP82200 Datasheet (PDF) - Sony Corporation

CXP82200 Datasheet PDF - Sony Corporation
Part # CXP82200
Download  CXP82200 Download
File Size   284.7 Kbytes
Page   6 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description CMOS 8-bit Single Chip Microcomputer

CXP82200 Datasheet (PDF)

Go To PDF Page Download Datasheet
CXP82200 Datasheet PDF - Sony Corporation

Part # CXP82200
Download  CXP82200 Click to download

File Size   284.7 Kbytes
Page   6 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description CMOS 8-bit Single Chip Microcomputer

CXP82200 Datasheet (HTML) - Sony Corporation


CXP82200 Product details

Description
The CXP82200 is a CMOS 8-bit single chip microcomputer of piggyback/evaluator combined type, which is developed for evaluating the function of the CXP82220/82224.

Features
• Wide-range instruction system (213 instructions) to cover various types of data
    — 16-bit operation/multiplication and division/ Boolean bit operation instructions
• Minimum instruction cycle 400ns at 10MHz operation 122µs at 32kHz operation
• Applicable EPROM LCC type 27C128, LCC type 27C256 (Maximum 24K bytes are available.)
• Incorporated RAM capacity 704 bytes (Including fluorescent display data area)
• Peripheral functions
    — A/D converter 8-bit, 8-channel, successive approximation method (Conversion time of 32µs/10MHz)
    — Serial interface Incorporated 8-bit, 8-stage FIFO (Auto transfer for 1 to 8 bytes), 1 channel 8-bit clock sync type, 1 channel
    — Timer 8-bit timer 8-bit timer/counter 19-bit time base timer 16-bit capture timer/counter 32kHz timer/counter
    — Fluorescent display panel controller/driver Maximum 384 segment display possible 1 to 16-digit dynamic display Dimmer function High voltage drive output (40V) On-chip pull-down resistor (Mask option) Hardware key scan function (Maximum 16 × 8 key matrix compatible)
    — Remote control reception circuit 8-bit pulse measurement counter with on-chip 6-stage FIFO
    — PWM output 14 bits, 1 channel
    — CTL duty detection circuit
    — High-speed output circuit Four RTG outputs
• Interruption 19 factors, 15 vectors, multi-interruption possible
• Standby mode Sleep/stop
• Package 100-pin ceramic QFP




Similar Part No. - CXP82200

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP82220 SONY-CXP82220 Datasheet
259Kb / 21P
CMOS 8-bit Single Chip Microcomputer
CXP82224 SONY-CXP82224 Datasheet
259Kb / 21P
CMOS 8-bit Single Chip Microcomputer
CXP822P24 SONY-CXP822P24 Datasheet
388Kb / 21P
CMOS 8-bit Single Chip Microcomputer
More results


Similar Description - CXP82200

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M37630M4T MITSUBISHI-M37630M4T Datasheet
571Kb / 48P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
38D5 RENESAS-38D5 Datasheet
2Mb / 141P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
3826OTP RENESAS-3826OTP Datasheet
999Kb / 91P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
38K0 RENESAS-38K0 Datasheet
1Mb / 133P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M3882 RENESAS-M3882 Datasheet
600Kb / 62P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
38C3 RENESAS-38C3 Datasheet
930Kb / 63P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
38C8 RENESAS-38C8 Datasheet
974Kb / 55P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
3825 RENESAS-3825 Datasheet
1Mb / 71P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M37515M4-XXXHP RENESAS-M37515M4-XXXHP Datasheet
800Kb / 55P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M37161M8 RENESAS-M37161M8 Datasheet
1Mb / 129P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com