Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF2173E Datasheet (PDF) - RF Monolithics, Inc

SF2173E Datasheet PDF - RF Monolithics, Inc
Part # SF2173E
Download  SF2173E Download
File Size   410.17 Kbytes
Page   5 Pages
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc
Description 2350 MHz SAW Filter

SF2173E Datasheet (PDF)

Go To PDF Page Download Datasheet
SF2173E Datasheet PDF - RF Monolithics, Inc

Part # SF2173E
Download  SF2173E Click to download

File Size   410.17 Kbytes
Page   5 Pages
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc
Description 2350 MHz SAW Filter

SF2173E Datasheet (HTML) - RF Monolithics, Inc


SF2173E Product details

2350 MHz SAW Filter

• Surface Mount 3.0 x 3.0 mm Package
• Complies with Directive 2002/95/EC (RoHS)




Similar Part No. - SF2173E

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
SF2173E MURATA-SF2173E Datasheet
410Kb / 5P
2350 MHz SAW Filter
More results


Similar Description - SF2173E

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
SF2173E MURATA-SF2173E Datasheet
410Kb / 5P
2350 MHz SAW Filter
logo
TriQuint Semiconductor
885069 TRIQUINT-885069_15 Datasheet
265Kb / 6P
2350 MHz BAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA0913A TAI-SAW-TA0913A Datasheet
352Kb / 7P
SAW Filter 2350 MHz
TA0913B TAI-SAW-TA0913B Datasheet
352Kb / 8P
SAW Filter 2350 MHz
TA2015A TAI-SAW-TA2015A Datasheet
698Kb / 7P
SAW Filter 2350 MHz (BW 100Hz) SMD 1.1x0.9x0.5mm
TA2015B TAI-SAW-TA2015B Datasheet
727Kb / 7P
SAW Filter 2350 MHz (BW 100MHz) SMD 1.1X0.9mm
TA2015C TAI-SAW-TA2015C Datasheet
720Kb / 7P
SAW Filter 2350 MHz (BW 100MHz) SMD 1.1X0.9mm
TA2015D TAI-SAW-TA2015D Datasheet
721Kb / 7P
SAW Filter 2350 MHz (BW 100MHz) SMD 1.1X0.9mm
TA2404B TAI-SAW-TA2404B Datasheet
1Mb / 11P
BAW TRX Filter 2350 MHz Band40 SMD 1109(BW=100MHz)
logo
Qorvo, Inc
885069 QORVO-885069 Datasheet
265Kb / 6P
2350 MHz BAW Filter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com