Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF2213K Datasheet (PDF) - RF Monolithics, Inc

SF2213K Datasheet PDF - RF Monolithics, Inc
Part # SF2213K
Download  SF2213K Download
File Size   467.68 Kbytes
Page   6 Pages
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc
Description 2017.5 MHz SAW Filter

SF2213K Datasheet (PDF)

Go To PDF Page Download Datasheet
SF2213K Datasheet PDF - RF Monolithics, Inc

Part # SF2213K
Download  SF2213K Click to download

File Size   467.68 Kbytes
Page   6 Pages
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc
Description 2017.5 MHz SAW Filter

SF2213K Datasheet (HTML) - RF Monolithics, Inc




Similar Part No. - SF2213K

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
SF2210D RFM-SF2210D Datasheet
657Kb / 4P
427.8 MHz SAW Filter
logo
Murata Manufacturing Co...
SF2210D MURATA-SF2210D Datasheet
657Kb / 4P
427.8 MHz SAW Filter
logo
RF Monolithics, Inc
SF2211E RFM-SF2211E Datasheet
911Kb / 5P
1200 MHz SAW Filter
SF2212K RFM-SF2212K Datasheet
500Kb / 6P
1902 MHz SAW Filter
SF2214E RFM-SF2214E Datasheet
790Kb / 5P
815.00 MHz SAW Filter
More results


Similar Description - SF2213K

ManufacturerPart #DatasheetDescription
logo
EPCOS
B7853 EPCOS-B7853 Datasheet
141Kb / 8P
SAW filter 2017.5 MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TA0946A TAI-SAW-TA0946A Datasheet
341Kb / 5P
SAW Filter 2017.5 MHz
TA1039A TAI-SAW-TA1039A Datasheet
429Kb / 8P
SAW Filter 2017.5 MHz
logo
RF Monolithics, Inc
SF1208H RFM-SF1208H Datasheet
492Kb / 5P
2017.5 MHz SAW Filter
SF2202E RFM-SF2202E Datasheet
815Kb / 5P
2017.5 MHz SAW Filter
SF2209H RFM-SF2209H Datasheet
481Kb / 5P
2017.5 MHz SAW Filter
logo
Murata Manufacturing Co...
SF2202E MURATA-SF2202E Datasheet
815Kb / 5P
2017.5 MHz SAW Filter
SF2202E-1 MURATA-SF2202E-1 Datasheet
132Kb / 5P
2017.5 MHz SAW Filter
SF2209H MURATA-SF2209H Datasheet
481Kb / 5P
2017.5 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1238A TAI-SAW-TA1238A Datasheet
358Kb / 8P
SAW Filter 2017.5 MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com