Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXP82840 Datasheet (PDF) - Sony Corporation

CXP82840 Datasheet PDF - Sony Corporation
Part # CXP82840
Download  CXP82840 Download
File Size   404.23 Kbytes
Page   22 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description CMOS 8-bit Single Chip Microcomputer

CXP82840 Datasheet (PDF)

Go To PDF Page Download Datasheet
CXP82840 Datasheet PDF - Sony Corporation

Part # CXP82840
Download  CXP82840 Click to download

File Size   404.23 Kbytes
Page   22 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description CMOS 8-bit Single Chip Microcomputer

CXP82840 Datasheet (HTML) - Sony Corporation


CXP82840 Product details

Description

The CXP82832/82840/82852/82860 is a CMOS 8-bit single chip microcomputer integrating on a single chip an A/D converter, serial interface, timer/counter, time base timer, capture timer/counter, fluorescent display panel controller/driver, remote control reception circuit, and PWM output besides the basic configurations of 8-bit CPU, ROM, RAM, and I/O port.



Features

• Wide-range instruction system (213 instructions) to cover various types of data

— 16-bit arithmetic/multiplication and division/boolean bit operation instructions

• Minimum instruction cycle 400ns at 10MHz operation

                                     (122µs at 32kHz operation)

• Incorporated ROM capacity

  32K bytes (CXP82832)

  40K bytes (CXP82840)

  52K bytes (CXP82852)

  60K bytes (CXP82860)

• Incorporated RAM capacity 1536 bytes (including fluorescent display area)

• Peripheral functions

— A/D converter

  8 bits, 8 channels, successive approximation method(Conversion time of 32µs/10MHz)

— Serial interface

  8-bit, 8-stage FIFO incorporated (Auto transfer for 1 to 8 bytes), 1 channel 8-bit clock synchronized type, 1 channel

— Timers

  8-bit timer, 8-bit timer/counter, 19-bit time base timer 16-bit capture timer/counter, 32kHz timer/counter

— Fluorescent display panel controller/driver

  Supports the universal grid fluorescent display panel. High voltage drive output port of 56 pins (40V) Maximum of 640 segments display possibleDisplay timing number of 1 to 20 Dimmer function Incorporated pull-down resistor (Mask option) Hardware key scan function (Maximum of 16 × 8 key matrix supportable)

— Remote control reception circuit 

  8-bit pulse measurement counter, 6-stage FIFO

— PWM output 

  14 bits, 1 channel

• Interruption 16 factors, 15 vectors, multi-interruption possible

• Standby mode SLEEP/STOP

• Package 100-pin plastic QFP

• Piggyback/evaluation chip CXP82800 100-pin ceramic QFP



 




Similar Part No. - CXP82840

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP82800 SONY-CXP82800 Datasheet
284Kb / 6P
CMOS 8-bit Single Chip Microcomputer
CXP828P60 SONY-CXP828P60 Datasheet
302Kb / 22P
CMOS 8-bit Single Chip Microcomputer
More results


Similar Description - CXP82840

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M37630M4T MITSUBISHI-M37630M4T Datasheet
571Kb / 48P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
38D5 RENESAS-38D5 Datasheet
2Mb / 141P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
3826OTP RENESAS-3826OTP Datasheet
999Kb / 91P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
38K0 RENESAS-38K0 Datasheet
1Mb / 133P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M3882 RENESAS-M3882 Datasheet
600Kb / 62P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
38C3 RENESAS-38C3 Datasheet
930Kb / 63P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
38C8 RENESAS-38C8 Datasheet
974Kb / 55P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
3825 RENESAS-3825 Datasheet
1Mb / 71P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M37515M4-XXXHP RENESAS-M37515M4-XXXHP Datasheet
800Kb / 55P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M37161M8 RENESAS-M37161M8 Datasheet
1Mb / 129P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com