Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEVAL-PCC010V1 Datasheet (PDF) - STMicroelectronics

STEVAL-PCC010V1 Datasheet PDF - STMicroelectronics
Part # STEVAL-PCC010V1
Download  STEVAL-PCC010V1 Download
File Size   167.95 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description ST802RT1A Ethernet PHY demonstration board with STM32F107 controller add-on board

STEVAL-PCC010V1 Datasheet (PDF)

Go To PDF Page Download Datasheet
STEVAL-PCC010V1 Datasheet PDF - STMicroelectronics

Part # STEVAL-PCC010V1
Download  STEVAL-PCC010V1 Click to download

File Size   167.95 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description ST802RT1A Ethernet PHY demonstration board with STM32F107 controller add-on board

STEVAL-PCC010V1 Datasheet (HTML) - STMicroelectronics


STEVAL-PCC010V1 Product details

Description
The STEVAL-PCC010V1 demonstration kit consists of two boards: the ST802RT1A Ethernet PHY demonstration board and the STM32F107 controller add-on board.
The ST802RT1A demonstration board is designed as an evaluation platform for the ST802RT1A device. It allows the user to easily select the PHY boot options to evaluate the power consumption of the chip, and to attach the device to professional test equipment.
The STM32F107 controller board can extend the ST802RT1A demonstration board with the STM32F107 microcontroller and its embedded MAC.
The system allows immediate evaluation of an Internet appliance based on the embedded microcontroller and Ethernet PHY.
By default, the controller board is pre-Flashed with a web server application for demonstration purposes.

Features
■ ST802RT1A Ethernet PHY demonstration board:
   – ST802RT1A fast Ethernet physical layer transceiver
   – On-board 3.3 V LDO regulator
   – On-board 25 MHz crystal
   – 2 jumpers for boot-strap configuration (MII address, auto-negotiation, loopback, power down, MII/RMII configuration)
   – Several GND test points and jumpers for power consumption measurement
   – Connectors: 20-pin full pitch header connector for debug purposes (compatible with the STM32F107 controller board); 40-pin connector compatible with Spirent Communications SmartBits 200/2000 (SMB-200/ SMB-2000) analysis system
   – RJ45 connector with embedded transformer
   – RoHS compliant
■ STM32F107 controller add-on board:
   – STM32F107 connectivity line Cortex™-M3 based microcontroller with embedded Ethernet MAC
   – On-board 3.3 V LDO regulator
   – On-board 25 MHz crystal
   – Reset button, power LED, general-purpose button and two LEDs
   – Connectors: 20-pin full-pitch header connector for debug purposes, compatible with ST802RT1A demonstration board; 20- pin JTAG connector
   – Additional general-purpose 20-pin full pitch header connector; USB device connector (+5 V power supply)
   – RoHS compliant




Similar Part No. - STEVAL-PCC010V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-PCC010V2 STMICROELECTRONICS-STEVAL-PCC010V2 Datasheet
167Kb / 7P
Ethernet with ST802RT1A and STM32F207 demonstration board
23-Feb-2011
More results


Similar Description - STEVAL-PCC010V1

ManufacturerPart #DatasheetDescription
logo
Winbond
ISD-ES502 WINBOND-ISD-ES502 Datasheet
242Kb / 7P
Demonstration Board
logo
STMicroelectronics
STEVAL-PCC011V1 STMICROELECTRONICS-STEVAL-PCC011V1 Datasheet
128Kb / 6P
ST802RT1B Ethernet PHY demonstration board
22-Feb-2010
STEVAL-ICB004V1 STMICROELECTRONICS-STEVAL-ICB004V1_11 Datasheet
143Kb / 6P
Advanced resistive touchscreen controller demonstration board based on the STMPE811
23-Feb-2011
STEVAL-ISQ009V1 STMICROELECTRONICS-STEVAL-ISQ009V1 Datasheet
157Kb / 5P
Load share controller demonstration board based on the L6615
22-Feb-2010
STEVAL-PCC010V2 STMICROELECTRONICS-STEVAL-PCC010V2 Datasheet
167Kb / 7P
Ethernet with ST802RT1A and STM32F207 demonstration board
23-Feb-2011
STEVAL-PCC012V1 STMICROELECTRONICS-STEVAL-PCC012V1 Datasheet
481Kb / 10P
Connectivity gateway demonstration board based on the STM32F107
15-Jun-2010
AN2487 STMICROELECTRONICS-AN2487 Datasheet
868Kb / 32P
power over Ethernet powered device demonstration board
08-Aug-2008
logo
NXP Semiconductors
UM10781 PHILIPS-UM10781 Datasheet
384Kb / 22P
GreenChip TEA1892DB1226 synchronous rectifier controller add-on board
Rev. 1-20 May 2014
logo
Digital View Ltd
416017100-3 DIGITALVIEW-416017100-3 Datasheet
658Kb / 2P
Audio 5W Add-on Board
416940020-3 DIGITALVIEW-416940020-3 Datasheet
62Kb / 2P
Audio Add-on Board
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com