Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TRC104 Datasheet (PDF) - RF Monolithics, Inc

TRC104 Datasheet PDF - RF Monolithics, Inc
Part # TRC104
Download  TRC104 Download
File Size   1023.18 Kbytes
Page   33 Pages
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc
Description 2.4 GHz RF Transceiver

TRC104 Datasheet (PDF)

Go To PDF Page Download Datasheet
TRC104 Datasheet PDF - RF Monolithics, Inc

Part # TRC104
Download  TRC104 Click to download

File Size   1023.18 Kbytes
Page   33 Pages
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc
Description 2.4 GHz RF Transceiver

TRC104 Datasheet (HTML) - RF Monolithics, Inc


TRC104 Product details

Product Overview
TRC104 is a single chip, multi-channel, low power RF transceiver. It is an ideal fit for low cost, high volume, two-way short range wireless applications operating in the worldwide unlicensed 2.4 GHz ISM band.

Key Features
• Modulation: GFSK with frequency hopping spread spectrum capability
• Frequency range: 2401-2527 MHz
• 127 Channels
• High sensitivity: -95 dBm @ 250 kb/s
• High data rate: Up to 1 Mb/s
• Low current consumption - Receive current: 18 mA Transmit current: 13 mA @ 0 dBm
• Up to 1 mW transmit power
• Wide operating supply voltage: 1.9 to 3.6 V
• Low sleep current: 0.4 µA
• Integrated PLL, IF and base-band circuitry
• Integrated data & clock recovery
• Programmable RF output power
• 32-byte Transmit/receive FIFO
• Programmable TX/RX FIFO depth
• Continuous & protocol modes
• Packet destination and sender addressing
• Packet handling features - Packet address filtering Error detection
• SPI configuration & data interface
• TTL/CMOS compatible I/O pins
• Low-cost crystal reference
• Integrated RSSI
• Integrated crystal oscillator
• Host microcontroller interrupt outputs
• Programmable data rate
• Integrated 16-bit packet CRC
• Integrated DC-balanced data scrambling
• Integrated voltage regulators
• Four power-saving operating states
• Very low external component count
• Small plastic package: 24-pin QFN
• Standard 13 inch reel, 3K pieces

Applications
• Wireless keyboards
• Wireless mice
• Wireless game controllers
• Wireless headsets
• Wireless Toys
• Active RFID tags
• Security systems
• Two-way remote keyless entry
• Automobile immobilizers
• Sports and performance monitoring
• Low power two-way telemetry systems
• Wireless modules




Similar Part No. - TRC104

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
TRC104 MURATA-TRC104 Datasheet
1,023Kb / 33P
2.4 GHz RF Transceiver
More results


Similar Description - TRC104

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BT2577 ETC-BT2577 Datasheet
311Kb / 4P
2.4 GHZ RF TRANSCEIVER
logo
Texas Instruments
CC2400 TI-CC2400 Datasheet
955Kb / 84P
2.4 GHz Low-Power RF Transceiver
CC2400 TI-CC2400_07 Datasheet
862Kb / 83P
2.4 GHz Low-Power RF Transceiver
logo
Microchip Technology
MRF24J40 MICROCHIP-MRF24J40_08 Datasheet
2Mb / 152P
IEEE 802.15.4??2.4 GHz RF Transceiver
2008
MRF24J40 MICROCHIP-MRF24J40_10 Datasheet
3Mb / 156P
IEEE 802.15.4??2.4 GHz RF Transceiver
2010
logo
Texas Instruments
CC2400RSUR TI-CC2400RSUR Datasheet
756Kb / 84P
2.4 GHz Low-Power RF Transceiver
logo
Microchip Technology
MRF24J40MB-I MICROCHIP-MRF24J40MB-I Datasheet
3Mb / 156P
IEEE 802.15.4??2.4 GHz RF Transceiver
07/15/10
logo
Murata Manufacturing Co...
TRC104 MURATA-TRC104 Datasheet
1,023Kb / 33P
2.4 GHz RF Transceiver
logo
Texas Instruments
CC2400 TI1-CC2400_08 Datasheet
756Kb / 84P
2.4 GHz Low-Power RF Transceiver
logo
Anaren Microwave
A20737A ANAREN-A20737A Datasheet
724Kb / 2P
2.4-GHz RF transceiver incorporating
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com