Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXP83508 Datasheet (PDF) - Sony Corporation

CXP83508 Datasheet PDF - Sony Corporation
Part # CXP83508
Download  CXP83508 Download
File Size   425.07 Kbytes
Page   30 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description CMOS 8-bit Single Chip Microcomputer

CXP83508 Datasheet (PDF)

Go To PDF Page Download Datasheet
CXP83508 Datasheet PDF - Sony Corporation

Part # CXP83508
Download  CXP83508 Click to download

File Size   425.07 Kbytes
Page   30 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description CMOS 8-bit Single Chip Microcomputer

CXP83508 Datasheet (HTML) - Sony Corporation


CXP83508 Product details

Description
The CXP83508/83512/83516 and the CXP83509/83513/83517 are CMOS 8-bit single chip microcomputer integrating on a single chip an A/D converter, serial interface, timer/counter, time-base timer, sub timer/counter, LCD controller/driver and remote control reception circuit besides the basic configurations of 8-bit CPU, ROM, RAM, and I/O port.
The CXP83508/83512/83516 and the CXP83509/83513/83517 also provide a sleep/stop function that enables lower power consumption.

Features
• Wide-range instruction system (213 instructions) to cover various types of data.
— 16-bit arithmetic/multiplication and division/boolean bit operation instructions
• Minimum instruction cycle
    400ns at 10MHz operation (4.5 to 5.5V)
    1µs at 4MHz operation (2.7 to 5.5V)
    122µs at 32kHz operation (2.7 to 5.5V)
• Incorporated ROM capacity
    8K bytes (CXP83508, 83509)
    12K bytes (CXP83512, 83513)
    16K bytes (CXP83516, 83517)
• Incorporated RAM capacity 608bytes (includes LCD display data area and serial interface RAM)
• Peripheral functions
    — A/D converter 8-bit, 8-channel, successive approximation method (Conversion time of 12.4µs/10MHz)
    — Serial interface Incorporated buffer RAM (Auto transfer for 1 to 32 bytes), 1 channel 8-bit clock synchronized type (MSB/LSB first selectable), 1 channel
    — Timer 8-bit timer, 8-bit timer/counter, 19-bit time-base timer, Sub timer/counter
    — LCD controller/driver Maximum 128 segment display possible (during 1/4 duty) 4 common output, 32 segment output Display method static, 1/2, 1/3, 1/4 duty Bias method 1/2, 1/3 bias
    — Remote control reception circuit 8-bit pulse measuring counter, 6-stage FIFO
• Interruption 14 factors, 14 vectors, multi-interruption possible
• Standby mode Sleep/stop
• Package 80-pin plastic QFP/LQFP
• Piggy/evaluation chip CXP83600 (CXP83508, 83512, 83516) CXP83601 (CXP83509, 83513, 83517)




Similar Part No. - CXP83508

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP83120A SONY-CXP83120A Datasheet
557Kb / 24P
CMOS 8-bit Single Chip Microcomputer
CXP83124A SONY-CXP83124A Datasheet
557Kb / 24P
CMOS 8-bit Single Chip Microcomputer
CXP83200A SONY-CXP83200A Datasheet
537Kb / 8P
CMOS 8-bit Single Chip Microcomputer
CXP83232A SONY-CXP83232A Datasheet
557Kb / 24P
CMOS 8-bit Single Chip Microcomputer
CXP83240A SONY-CXP83240A Datasheet
557Kb / 24P
CMOS 8-bit Single Chip Microcomputer
More results


Similar Description - CXP83508

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M37630M4T MITSUBISHI-M37630M4T Datasheet
571Kb / 48P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
38D5 RENESAS-38D5 Datasheet
2Mb / 141P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
3826OTP RENESAS-3826OTP Datasheet
999Kb / 91P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
38K0 RENESAS-38K0 Datasheet
1Mb / 133P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M3882 RENESAS-M3882 Datasheet
600Kb / 62P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
38C3 RENESAS-38C3 Datasheet
930Kb / 63P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
38C8 RENESAS-38C8 Datasheet
974Kb / 55P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
3825 RENESAS-3825 Datasheet
1Mb / 71P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M37515M4-XXXHP RENESAS-M37515M4-XXXHP Datasheet
800Kb / 55P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M37161M8 RENESAS-M37161M8 Datasheet
1Mb / 129P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com