Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G1214A Datasheet (PDF) - Global Mixed-mode Technology Inc

G1214A Datasheet PDF - Global Mixed-mode Technology Inc
Part # G1214A
Download  G1214A Download
File Size   306.76 Kbytes
Page   1 Pages
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc
Description Rail-to-Rail I/O

G1214A Datasheet (PDF)

Go To PDF Page Download Datasheet
G1214A Datasheet PDF - Global Mixed-mode Technology Inc

Part # G1214A
Download  G1214A Click to download

File Size   306.76 Kbytes
Page   1 Pages
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc
Description Rail-to-Rail I/O

G1214A Datasheet (HTML) - Global Mixed-mode Technology Inc


G1214A Product details

General Description
G1214A is a input/output rail-to-rail Operational Amplifier. It can be operated from +2.2V to +7V single supply or from ±1.1V to ±3.5 dual supply. G1214A can drive 66mA into resistor loads to within 10% power rail. AC performance is very excellent with 6.5MHz band width, 6.5V/µs Slew Rate, 95dB open loop gain, 60 degree phase margin and low distortion.
Supply current of G1214A is only 500µA per Amplifier. It is very suitable for low current consumption applications to control high current loads. Applications include audio amplification for computers, sound ports, sound cards and set-top boxes.
G1214A is housed in a small SOT-23-5 package.

Features
■ +2.2V to +7V Single-Supply Operation
■ Input / Output Rail-to-Rail
■ Low Input Current
■ High Output Driving Capacity
■ Low Quiescent Current: 500µA @ 5V
■ High Slew Rate 6.5V/µs
■ High Gain-Bandwidth Product 6.5MHz
■ High Open Loop Gain 95dB
■ High PSRR 70dB

Applications
■ Headphone Driver
■ Portable Equipment
■ Battery-Powered Equipment
■ Multimedia Audio
■ ASIC Input or Output Amplifier
■ Sensor Amplifier
■ Low Power/Low Voltage Applications
■ Set-up Box Audio HP or Pre-driver Applications




Similar Part No. - G1214A

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G1214A GMT-G1214A_15 Datasheet
35Kb / 1P
Rail-to-Rail I/O, High-Slew-Rate OP Amp
More results


Similar Description - G1214A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA326 TI-INA326 Datasheet
459Kb / 21P
Precision, Rail-to-Rail I/O INSTRUMENTATION AMPLIFIER
logo
Global Mixed-mode Techn...
G1212 GMT-G1212 Datasheet
501Kb / 6P
Rail-to-Rail I/O OP Amp
logo
Burr-Brown (TI)
OPA703 BURR-BROWN-OPA703_08 Datasheet
509Kb / 18P
CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
Silicon Standard Corp.
SS8012G SSC-SS8012G Datasheet
720Kb / 6P
Rail-to-Rail I/O Op. Amp.
logo
Texas Instruments
OPA2703EA-2K5G4 TI-OPA2703EA-2K5G4 Datasheet
894Kb / 19P
CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
SN65HVDA541QDRQ1 TI-SN65HVDA541QDRQ1 Datasheet
1Mb / 30P
250MHz, Rail-to-Rail I/O, CMOS Operational Amplifier with Shutdown
MARCH 2002 - REVISED MAY 2009
logo
SG Micro Corp
SGM8624 SGMICRO-SGM8624_15 Datasheet
525Kb / 19P
Rail-to-Rail I/O CMOS Operational Amplifiers
SGM8631 SGMICRO-SGM8631_15 Datasheet
537Kb / 20P
Rail-to-Rail I/O CMOS Operational Amplifiers
SGM8049-1 SGMICRO-SGM8049-1 Datasheet
716Kb / 19P
Rail-to-Rail I/O Operational Amplifiers
logo
Shenzhen Huazhimei Semi...
HM8651 HMSEMI-HM8651 Datasheet
778Kb / 7P
Power Supply Rail to Rail I/O
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com