Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MHW1916 Datasheet (PDF) - Motorola, Inc

MHW1916 Datasheet PDF - Motorola, Inc
Part # MHW1916
Download  MHW1916 Download
File Size   52.54 Kbytes
Page   4 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description Microwave Bipolar Power Amplifier

MHW1916 Datasheet (PDF)

Go To PDF Page Download Datasheet
MHW1916 Datasheet PDF - Motorola, Inc

Part # MHW1916
Download  MHW1916 Click to download

File Size   52.54 Kbytes
Page   4 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description Microwave Bipolar Power Amplifier

MHW1916 Datasheet (HTML) - Motorola, Inc


MHW1916 Product details

The RF Line
Microware Bipolar Power Amplifier

• Specified 26 Volt Characteristics:
    RF Output Power: 15 Watts
    RF Power Gain: 34 dB Typ
    Efficiency: 24% Min
• 50 Ohm Input/Output Impedances




Similar Part No. - MHW1916

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MHW1910-1 NXP-MHW1910-1 Datasheet
147Kb / 8P
1930-1990 MHz, 10W RF POWER LDMOS AMPLIFIER
REV 2
MHW1910/D NXP-MHW1910/D Datasheet
147Kb / 8P
1930-1990 MHz, 10W RF POWER LDMOS AMPLIFIER
REV 2
logo
Motorola, Inc
MHW1915 MOTOROLA-MHW1915 Datasheet
51Kb / 4P
Microwave Bipolar Power Amplifier
More results


Similar Description - MHW1916

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MHW1815 MOTOROLA-MHW1815 Datasheet
51Kb / 4P
Microwave Bipolar Power Amplifier
MHW1915 MOTOROLA-MHW1915 Datasheet
51Kb / 4P
Microwave Bipolar Power Amplifier
logo
List of Unclassifed Man...
2307 ETC-2307 Datasheet
185Kb / 3P
MICROWAVE CW BIPOLAR
3001 ETC-3001 Datasheet
178Kb / 4P
MICROWAVE CW BIPOLAR
2015M ETC-2015M Datasheet
174Kb / 3P
MICROWAVE BIPOLAR
logo
Toshiba Semiconductor
TMD7185-2 TOSHIBA-TMD7185-2 Datasheet
42Kb / 2P
MICROWAVE POWER MMIC AMPLIFIER
logo
M/A-COM Technology Solu...
MRF10005 MA-COM-MRF10005 Datasheet
198Kb / 5P
Microwave Power Silicon Bipolar Transistor
MRF10005 MA-COM-MRF10005_15 Datasheet
198Kb / 5P
Microwave Power Silicon Bipolar Transistor
MRF10005 MA-COM-MRF10005_17 Datasheet
603Kb / 6P
Microwave Power Silicon Bipolar Transistor
logo
Toshiba Semiconductor
TGM9398-25 TOSHIBA-TGM9398-25 Datasheet
507Kb / 7P
MICROWAVE POWER GaN AMPLIFIER
2017
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com