Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXP845P60 Datasheet (PDF) - Sony Corporation

CXP845P60 Datasheet PDF - Sony Corporation
Part # CXP845P60
Download  CXP845P60 Download
File Size   388.83 Kbytes
Page   27 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description CMOS 8-bit Single Chip Microcomputer

CXP845P60 Datasheet (PDF)

Go To PDF Page Download Datasheet
CXP845P60 Datasheet PDF - Sony Corporation

Part # CXP845P60
Download  CXP845P60 Click to download

File Size   388.83 Kbytes
Page   27 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description CMOS 8-bit Single Chip Microcomputer

CXP845P60 Datasheet (HTML) - Sony Corporation


CXP845P60 Product details

Description
The CXP845P60 is a CMOS 8-bit microcomputer integrating on a single chip an A/D converter, serial interface, timer/counter, time-base timer, capture timer/counter, PWM output and the like besides the basic configurations of 8-bit CPU, PROM, RAM and I/O port.

Features
• A wide instruction set (213 instructions) which covers various types of data
    — 16-bit arithmetic/multiplication and division/Boolean bit operation instructions
• Minimum instruction cycle 143ns at 28MHz operation (4.5 to 5.5V) 200ns at 20kHz operation (3.0 to 5.5V)
• Incorporated PROM capacity 60K bytes
• Incorporated RAM capacity 1472 bytes
• Peripheral functions
    — A/D converter 8 bits, 8 channels, successive approximation method (Conversion time of 1.93µs at 28MHz, 2.7µs at 20MHz)
    — Serial interface Incorporated 8-bit, 8-stage FIFO (Auto transfer for 1 to 8 bytes, latch output function, MSB/LSB first selectable), 1 channel 8-bit clock sync type, 1 channel
    — Timer 8-bit timer
        8-bit timer/counter
        19-bit time-base timer
        16-bit capture time/counter
    — PWM output 8 bits, 2 channels
• Interruption 14 factors, 14 vectors, multi-interruption possible
• Standby mode Sleep/stop
• Package 80-pin plastic QFP/LQFP
    80-pin plastic LFLGA




Similar Part No. - CXP845P60

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP84500 SONY-CXP84500 Datasheet
118Kb / 5P
CMOS 8-bit Single Chip Microcomputer
CXP84540 SONY-CXP84540 Datasheet
387Kb / 27P
CMOS 8-bit Single Chip Microcomputer
CXP84548 SONY-CXP84548 Datasheet
387Kb / 27P
CMOS 8-bit Single Chip Microcomputer
CXP845F60 SONY-CXP845F60 Datasheet
280Kb / 23P
CMOS 8-bit Single Chip Microcomputer
More results


Similar Description - CXP845P60

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M37630M4T MITSUBISHI-M37630M4T Datasheet
571Kb / 48P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
38D5 RENESAS-38D5 Datasheet
2Mb / 141P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
3826OTP RENESAS-3826OTP Datasheet
999Kb / 91P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
38K0 RENESAS-38K0 Datasheet
1Mb / 133P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M3882 RENESAS-M3882 Datasheet
600Kb / 62P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
38C3 RENESAS-38C3 Datasheet
930Kb / 63P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
38C8 RENESAS-38C8 Datasheet
974Kb / 55P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
3825 RENESAS-3825 Datasheet
1Mb / 71P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M37515M4-XXXHP RENESAS-M37515M4-XXXHP Datasheet
800Kb / 55P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M37161M8 RENESAS-M37161M8 Datasheet
1Mb / 129P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com