Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXP84632 Datasheet (PDF) - Sony Corporation

CXP84632 Datasheet PDF - Sony Corporation
Part # CXP84632
Download  CXP84632 Download
File Size   459.53 Kbytes
Page   28 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description CMOS 8-bit Single Chip Microcomputer

CXP84632 Datasheet (PDF)

Go To PDF Page Download Datasheet
CXP84632 Datasheet PDF - Sony Corporation

Part # CXP84632
Download  CXP84632 Click to download

File Size   459.53 Kbytes
Page   28 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description CMOS 8-bit Single Chip Microcomputer

CXP84632 Datasheet (HTML) - Sony Corporation


CXP84632 Product details

Description
The CXP84632/84640/84648 is a CMOS 8-bit single chip microcomputer integrating on a single chip an A/D converter, serial interface, timer/counter, time base timer, capture timer/counter, I2C bus interface, remote control reception circuit, PWM output, and 32kHz timer/counter besides the basic configurations of 8-bit CPU, ROM, RAM, and I/O port.
The CXP84632/84640/84648 also provides a sleep/stop function that enables lower power consumption.

Features
• Wide range instruction system (213 instructions) to cover various of data.
    — 16-bit arithmetic/multiplication and division/Boolean bit operation instructions
• Minimum instruction cycle 250ns at 16MHz operation (4.5 to 5.5V)
                                             333ns at 12MHz operation (3.0 to 5.5V)
                                             122µs at 32kHz operation (2.7 to 5.5V)
• Incorporated ROM capacity 32K bytes (CXP84632)
                                               40K bytes (CXP84640)
                                               48K bytes (CXP84648)
• Incorporated RAM capacity 2048 bytes
• Peripheral functions
    — A/D converter 8 bits, 8 channels, successive approximation method (Conversion time 20µs/16MHz)
    — Serial interface Srart-stop synchronization (UART), 1 channel
             Incorporated buffer RAM (Auto transfer for 1 to 32 bytes), 1 channel
             Incorporated 8-bit, 10-stage FIFO (Auto transfer for 1 to 10 bytes), 1 channel
             8-bit clock syncronization (MSB/LSB first selectable), 1 channel
    — Timer 8-bit timer, 8-bit timer/counter, 19-bit time base timer, 16-bit capture timer/counter, 32kHz timer/counter
    — I2C bus interface
    — Remote control reception circuit 8-bit pulse measurement counter, 6-stage FIFO
    — PWM output circuit 12 bits, 2 channels
• Interruption 21 factors, 15 vectors, multi-interruption possible
• Standby mode SLEEP/STOP
• Package 80-pin plastic QFP
• Piggyback/evaluation chip CXP84600 80-pin ceramic QFP




Similar Part No. - CXP84632

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP84600 SONY-CXP84600 Datasheet
228Kb / 6P
CMOS 8-bit Single Chip Microcomputer
CXP846P48 SONY-CXP846P48 Datasheet
461Kb / 28P
CMOS 8-bit Single Chip Microcomputer
More results


Similar Description - CXP84632

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M37630M4T MITSUBISHI-M37630M4T Datasheet
571Kb / 48P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
38D5 RENESAS-38D5 Datasheet
2Mb / 141P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
3826OTP RENESAS-3826OTP Datasheet
999Kb / 91P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
38K0 RENESAS-38K0 Datasheet
1Mb / 133P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M3882 RENESAS-M3882 Datasheet
600Kb / 62P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
38C3 RENESAS-38C3 Datasheet
930Kb / 63P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
38C8 RENESAS-38C8 Datasheet
974Kb / 55P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
3825 RENESAS-3825 Datasheet
1Mb / 71P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M37515M4-XXXHP RENESAS-M37515M4-XXXHP Datasheet
800Kb / 55P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M37161M8 RENESAS-M37161M8 Datasheet
1Mb / 129P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com