Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXP85220A Datasheet (PDF) - Sony Corporation

CXP85220A Datasheet PDF - Sony Corporation
Part # CXP85220A
Download  CXP85220A Download
File Size   259.14 Kbytes
Page   20 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description CMOS 8-bit Single-chip Microcomputer

CXP85220A Datasheet (PDF)

Go To PDF Page Download Datasheet
CXP85220A Datasheet PDF - Sony Corporation

Part # CXP85220A
Download  CXP85220A Click to download

File Size   259.14 Kbytes
Page   20 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description CMOS 8-bit Single-chip Microcomputer

CXP85220A Datasheet (HTML) - Sony Corporation


CXP85220A Product details

Description

The CXP85112B/85116B, CXP85220A/85224A/85228A/85232A is a CMOS 8-bit single chip microcomputer integrating on a single chip an A/D converter, serial interface, timer/counter, time base timer, vector interruption, on-screen display function, I2C bus interface, PWM generator, remote control reception circuit, HSYNC counter, power source frequency counter and watch dog timer besides the basic configurations of 8-bit CPU, ROM, RAM, and l/O port.



Features

• Wide-range instruction system (213 instructions) to cover various types of data

— 16-bit arithmetic/multiplication and division/boolean bit operation instructions

• Minimum instruction cycle 1µs at 4MHz operation

• Incorporated ROM capacity 12K bytes (CXP85112B)

  16K bytes (CXP85116B)

  20K bytes (CXP85220A)

  24K bytes (CXP85224A)

  28K bytes (CXP85228A)

  32K bytes (CXP85232A)

• Incorporated RAM capacity 352 bytes (CXP85112B/85116B)

                                      448 bytes (CXP85220A/85224A/85228A/85232A)

• Peripheral functions

— On-screen display function 12 ×16 dots, 128 types 21 words ×4 Iines (more than 4 Iines possible)

    Double scan mode compatible, jitter elimination circuit

— I2C bus interface

— PWM output 14 bits, 1 channel 6 bits, 8 channels

— Remote control reception circuit 8-bit pulse measurement counter with on-chip 6-stage FIFO

— A/D converter 4 bits, 4channels, successive approximation method (Conversion time of 40µs/4MHz)

— HSYNC counter

— Power supply frequency counter

— Watch dog timer

— Serial I/O 8-bit clock synchronization

— Timer 8-bit timer, 8-bit timer/counter, 19-bit time base timer

• Interruption 14 factors, 14 vectors, multi-interruption possible

• Standby mode Sleep

• Package 64-pin plastic SDIP/QFP

• Piggyback/evaluation chip CXP85100A, CXP85190 (Custom font compatible)

                                     CXP85200A, CXP85290 (Custom font compatible)




Similar Part No. - CXP85220A

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85200A SONY-CXP85200A Datasheet
358Kb / 12P
CMOS 8-bit 1-chip Microcomputer
CXP85290A SONY-CXP85290A Datasheet
358Kb / 12P
CMOS 8-bit 1-chip Microcomputer
CXP852P32A SONY-CXP852P32A Datasheet
256Kb / 21P
CMOS 8-bit Single-chip Microcomputer
More results


Similar Description - CXP85220A

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M37630M4T MITSUBISHI-M37630M4T Datasheet
571Kb / 48P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
38D5 RENESAS-38D5 Datasheet
2Mb / 141P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
3826OTP RENESAS-3826OTP Datasheet
999Kb / 91P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
38K0 RENESAS-38K0 Datasheet
1Mb / 133P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M3882 RENESAS-M3882 Datasheet
600Kb / 62P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
38C3 RENESAS-38C3 Datasheet
930Kb / 63P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
38C8 RENESAS-38C8 Datasheet
974Kb / 55P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
3825 RENESAS-3825 Datasheet
1Mb / 71P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M37515M4-XXXHP RENESAS-M37515M4-XXXHP Datasheet
800Kb / 55P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M37161M8 RENESAS-M37161M8 Datasheet
1Mb / 129P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com