Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS28E22 Datasheet (PDF) - Maxim Integrated Products

DS28E22 Datasheet PDF - Maxim Integrated Products
Part # DS28E22
Download  DS28E22 Download
File Size   799.1 Kbytes
Page   6 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 1-Wire SHA-256 Secure Authenticator with 2Kb User EEPROM

DS28E22 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS28E22 Datasheet PDF - Maxim Integrated Products

Part # DS28E22
Download  DS28E22 Click to download

File Size   799.1 Kbytes
Page   6 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 1-Wire SHA-256 Secure Authenticator with 2Kb User EEPROM

DS28E22 Datasheet (HTML) - Maxim Integrated Products


DS28E22 Product details

General Description
DeepCoverM embedded security solutions cloak sensitive data under multiple layers of advanced physical security to provide the most secure key storage possible.
The DeepCover Secure Authenticator (DS28E22) combines crypto-strong, bidirectional, secure challengeand-response authentication functionality with an implementation based on the FIPS 180-3-specified Secure Hash Algorithm (SHA-256). A 2Kb user-programmable EEPROM array provides nonvolatile storage of application data and additional protected memory holds a readprotected secret for SHA-256 operations and settings for user memory control. Each device has its own guaranteed unique 64-bit ROM identification number (ROM ID) that is factory programmed into the chip. This unique ROM ID is used as a fundamental input parameter for cryptographic operations and also serves as an electronic serial number within the application.

Features
♦ Symmetric Key-Based Bidirectional Secure Authentication Model Based on SHA-256
♦ Dedicated Hardware-Accelerated SHA Engine for Generating SHA-256 MACs
♦ Strong Authentication with a High Bit Count, UserProgrammable Secret, and Input Challenge
♦ 2048 Bits of User EEPROM Partitioned Into 8 Pages of 256 Bits
♦ User-Programmable and Irreversible EEPROM Protection Modes Including Authentication, Write and Read Protect, and OTP/EPROM Emulation
♦ Unique, Factory-Programmed 64-Bit Identification Number
♦ Single-Contact 1-Wire Interface Communicates with Host at Up to 76.9kbps
♦ Operating Range: 3.3V ±10%, -40°C to +85°C
♦ Low-Power 5µA (typ) Standby
♦ ±8kV Human Body Model ESD Protection (typ)
♦ 6-Pin TDFN, 6-Lead TSOC Packages

Applications
    Authentication of Network-Attached Appliances
    Printer Cartridge ID/Authentication
    Reference Design License Management
    System Intellectual Property Protection
    Sensor/Accessory Authentication and Calibration
    Secure Feature Setting for Configurable Systems
    Key Generation and Exchange for Cryptographic Systems




Similar Part No. - DS28E22

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS28E22 MAXIM-DS28E22 Datasheet
101Kb / 2P
EV Board Contains Convenient On-Board Test Points
7/23/2014
DS28E22 MAXIM-DS28E22 Datasheet
875Kb / 6P
DeepCover Secure Authenticator with 1-Wire SHA-256 and 2Kb User EEPROM
219-0020; Rev 3; 7/21
DS28E22EVKIT MAXIM-DS28E22EVKIT Datasheet
101Kb / 2P
EV Board Contains Convenient On-Board Test Points
7/23/2014
DS28E22P+ MAXIM-DS28E22P+ Datasheet
875Kb / 6P
DeepCover Secure Authenticator with 1-Wire SHA-256 and 2Kb User EEPROM
219-0020; Rev 3; 7/21
DS28E22P+T MAXIM-DS28E22P+T Datasheet
875Kb / 6P
DeepCover Secure Authenticator with 1-Wire SHA-256 and 2Kb User EEPROM
219-0020; Rev 3; 7/21
More results


Similar Description - DS28E22

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS28E15 MAXIM-DS28E15 Datasheet
780Kb / 6P
1-Wire SHA-256 Secure Authenticator with 512-Bit User EEPROM
Rev 0; 6/12
DS28E25 MAXIM-DS28E25 Datasheet
759Kb / 6P
1-Wire SHA-256 Secure Authenticator with 4Kb User EEPROM
Rev 0; 7/12
DS28EL15 MAXIM-DS28EL15 Datasheet
872Kb / 6P
DeepCover Secure Authenticator with 1-Wire SHA-256 and 512-Bit User EEPROM
Rev 0; 12/12
DS28EL25 MAXIM-DS28EL25 Datasheet
858Kb / 6P
DeepCover Secure Authenticator with 1-Wire SHA-256 with 4Kb User EEPROM
Rev 0; 12/12
DS28EL22 MAXIM-DS28EL22 Datasheet
338Kb / 5P
DeepCover Secure Authenticator with 1-Wire SHA-256 and 2Kb User EEPROM
Rev 1; 3/21
DS28E15 MAXIM-DS28E15_V01 Datasheet
339Kb / 5P
DeepCover Secure Authenticator with 1-Wire SHA-256 and 512-Bit User EEPROM
219-0018; Rev 3; 3/15
DS28E22 MAXIM-DS28E22_V01 Datasheet
875Kb / 6P
DeepCover Secure Authenticator with 1-Wire SHA-256 and 2Kb User EEPROM
219-0020; Rev 3; 7/21
DS28E25 MAXIM-DS28E25_V01 Datasheet
725Kb / 6P
DeepCover Secure Authenticator with 1-Wire SHA-256 and 4Kb User EEPROM
219-0019; Rev 4; 6/21
DS28EL22 MAXIM-DS28EL22_V01 Datasheet
333Kb / 5P
DeepCover Secure Authenticator with 1-Wire SHA-256 and 2Kb User EEPROM
219-0023; Rev 2; 5/21
DS28EL25 MAXIM-DS28EL25_V01 Datasheet
735Kb / 6P
DeepCover Secure Authenticator with 1-Wire SHA-256 with 4Kb User EEPROM
219-0022; Rev 1; 6/21
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com