Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MHW2727-3 Datasheet (PDF) - Motorola, Inc

MHW2727-3 Datasheet PDF - Motorola, Inc
Part # MHW2727-3
Download  MHW2727-3 Download
File Size   61.51 Kbytes
Page   4 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description UHF Silicon FET Power Amplifier

MHW2727-3 Datasheet (PDF)

Go To PDF Page Download Datasheet
MHW2727-3 Datasheet PDF - Motorola, Inc

Part # MHW2727-3
Download  MHW2727-3 Click to download

File Size   61.51 Kbytes
Page   4 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description UHF Silicon FET Power Amplifier

MHW2727-3 Datasheet (HTML) - Motorola, Inc


MHW2727-3 Product details

The RF Line
UHF Silicon FET Power Amplifiers

Designed for 7.5 volt UHF power amplifier applications in industrial and commercial equipment primarily for hand portable radios.

• Specified 7.5 Volt Characteristics:
    RF Input Power: 20 mW (13 dBm)
    RF Output Power: 7 W
    Minimum Gain (Vcont = 7 V): 25.5 dB
    Harmonics: – 35 dBc Max @ 2.0 fo 350 – 360 MHz
                       – 40 dBc Max @ 2.0 fo 360 – 400 MHz
• Epoxy Glass PCB Construction Gives Consistent Performance and Reliability
• 50 Ω Input/Output Impedances
• Guaranteed Stability and Ruggedness




Similar Part No. - MHW2727-3

ManufacturerPart #DatasheetDescription
logo
Dongguan Mentech Optica...
MHW2720SG6R8K MNC-MHW2720SG6R8K Datasheet
145Kb / 1P
POWER INDUCTOR
logo
Motorola, Inc
MHW2723 MOTOROLA-MHW2723 Datasheet
223Kb / 4P
UHF POWER AMPLIFIER 5.0W, 380 TO 470 MHZ
More results


Similar Description - MHW2727-3

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MHW2707-1 MOTOROLA-MHW2707-1 Datasheet
94Kb / 4P
UHF Silicon FET Power Amplifier
MHW2707A1 MOTOROLA-MHW2707A1 Datasheet
60Kb / 4P
UHF Silicon FET Power Amplifier
MHW2821-1 MOTOROLA-MHW2821-1 Datasheet
75Kb / 6P
UHF Silicon FET Power Amplifier
logo
Hitachi Semiconductor
2SK2922 HITACHI-2SK2922 Datasheet
36Kb / 7P
Silicon N Channel MOS FET UHF Power Amplifier
2SK3390 HITACHI-2SK3390 Datasheet
78Kb / 7P
Silicon N Channel MOS FET UHF Power Amplifier
2SK3175A HITACHI-2SK3175A Datasheet
79Kb / 8P
Silicon N Channel MOS FET UHF Power Amplifier
logo
Renesas Technology Corp
2SK2596 RENESAS-2SK2596 Datasheet
61Kb / 5P
Silicon N-Channel MOS FET UHF Power Amplifier
2SK2596 RENESAS-2SK2596_07 Datasheet
145Kb / 10P
Silicon N-Channel MOS FET UHF Power Amplifier
2SK3391 RENESAS-2SK3391_07 Datasheet
150Kb / 10P
Silicon N-Channel MOS FET UHF Power Amplifier
2SK3390 RENESAS-2SK3390 Datasheet
180Kb / 12P
Silicon N-Channel MOS FET UHF Power Amplifier
Nov 08, 2007
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com