Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAXQ305 Datasheet (PDF) - Maxim Integrated Products

MAXQ305 Datasheet PDF - Maxim Integrated Products
Part # MAXQ305
Download  MAXQ305 Download
File Size   1791.53 Kbytes
Page   29 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Voltage Microcontroller with Infrared Module

MAXQ305 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAXQ305 Datasheet PDF - Maxim Integrated Products

Part # MAXQ305
Download  MAXQ305 Click to download

File Size   1791.53 Kbytes
Page   29 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Voltage Microcontroller with Infrared Module

MAXQ305 Datasheet (HTML) - Maxim Integrated Products


MAXQ305 Product details

General Description
The MAXQ305 is a reduced supply voltage, low-power, 16-bit MAXQM microcontroller designed for low-power applications including universal remote controls, consumer electronics, and white goods. The MAXQ305 combines a powerful 16-bit RISC microcontroller and integrated peripherals including two USART ports and a SPI master/slave communications port, along with an IR module with carrier frequency generation and flexible port I/O capable of multiplexed keypad control. The MAXQ305 includes 80KB of flash program memory and 2KB of data SRAM.

Features
◆ High-Performance, Low-Power 16-Bit RISC Core
◆ 0.9V to 3.6V Operating Voltage Range
◆ DC to 12MHz for Code Execution in Performance Mode
◆ 16-Bit Instruction Word, 16-Bit Data Bus
◆ 16 x 16-Bit General-Purpose Working Registers
◆ Secure MMU for Application Partitioning and IP Protection
◆ Memory Features
    ◇ 80KB Program Flash Memory
    ◇ 2KB Data SRAM
◆ Additional Peripherals
    ◇ Power-Fail Warning
    ◇ Power-On Reset/Brownout Reset
    ◇ Automatic IR Carrier Frequency Generation and Modulation
    ◇ One IR Diode Direct Drive Pin
    ◇ Two High Current Visual LED Direct Drive Pins
    ◇ Two 16-Bit, Programmable Timers/Counters
    ◇ One SPI Port and Two USART Ports
    ◇ Programmable Watchdog Timer
    ◇ 8kHz Nanopower Ring Oscillator Wake-Up Timer
    ◇ Up to 32 General-Purpose I/Os
◆ Low Power Consumption
    ◇ 0.4µA (typ), 2.0µA (max) in Stop Mode, TA = +25°C
    ◇ 1.36mA (typ) in Green Mode (Code Execution at 4MHz)

Applications
    Remote Controls
    Battery-Powered Portable Equipment
    Consumer Electronics
    Home Appliances
    White Goods




Similar Part No. - MAXQ305

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAXQ30-FPBM-TFP3L MAXIM-MAXQ30-FPBM-TFP3L Datasheet
60Kb / 1P
TFP3 Flash Programmer Board
7/30/2015
MAXQ30-FPBM-TFP3Q MAXIM-MAXQ30-FPBM-TFP3Q Datasheet
62Kb / 2P
TFP3 Flash Programmer Board
7/30/2015
More results


Similar Description - MAXQ305

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAXQ610 MAXIM-MAXQ610 Datasheet
2Mb / 28P
16-Bit Microcontroller with Infrared Module
Rev 1; 11/08
MAXQ61H MAXIM-MAXQ61H Datasheet
257Kb / 23P
16-Bit Microcontroller with Infrared Module
Rev 1; 7/09
MAXQ610 MAXIM-MAXQ610_09 Datasheet
294Kb / 28P
16-Bit Microcontroller with Infrared Module
Rev 3; 7/09
MAXQ610 MAXIM-MAXQ610_10 Datasheet
344Kb / 29P
16-Bit Microcontroller with Infrared Module
Rev 5; 2/10
MAXQ61C MAXIM-MAXQ61C Datasheet
1Mb / 27P
16-Bit Microcontroller with Infrared Module
Rev 0; 4/10
MAXQ61H MAXIM-MAXQ61H_10 Datasheet
226Kb / 23P
16-BIt Microcontroller with Infrared Module
19-4604; Rev 2; 5/10
MAXQ61H MAXIM-MAXQ61H_12 Datasheet
255Kb / 23P
16-Bit Microcontroller with Infrared Module
Rev 3; 3/12
MAXQ613 MAXIM-MAXQ613 Datasheet
1Mb / 28P
16-Bit Microcontroller with Infrared Module
Rev 4; 7/12
MAXQ618 MAXIM-MAXQ618 Datasheet
1Mb / 26P
16-Bit Microcontroller with Infrared Module
Rev 1; 7/12
MAXQ614 MAXIM-MAXQ614 Datasheet
1Mb / 22P
16-Bit Microcontroller with Infrared Module
Rev 2; 10/12
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com