Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXP87360 Datasheet (PDF) - Sony Corporation

CXP87360 Datasheet PDF - Sony Corporation
Part # CXP87360
Download  CXP87360 Download
File Size   632.54 Kbytes
Page   32 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description CMOS 8-bit Single Chip Microcomputer

CXP87360 Datasheet (PDF)

Go To PDF Page Download Datasheet
CXP87360 Datasheet PDF - Sony Corporation

Part # CXP87360
Download  CXP87360 Click to download

File Size   632.54 Kbytes
Page   32 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description CMOS 8-bit Single Chip Microcomputer

CXP87360 Datasheet (HTML) - Sony Corporation


CXP87360 Product details

Description

The CXP87352/87360 is a CMOS 8-bit microcomputer which consists of A/D converter, serial interface, timer/counter, time base timer, vector interruption, high precision timing pattern generation circuit, PWM generator, PWM for tuner, VISS/VASS circuit, 32kHz timer/event counter, remote control receiving circuit, general purpose prescaler, HSYNC counter, VCR vertical sync separation circuit and the measurement circuit which measure signals of capstan FG and drum FG/PG and other servo systems, as well as basic configurations like 8-bit CPU, ROM, RAM and I/O port. They are integrated into a single chip.



Features

• A wide instruction set (213 instructions) which cover various types of data

   — 16-bit operation/multiplication and division/boolean bit operation instructions

• Minimum instruction cycle 250ns at 16MHz operation

                                     333ns at 12MHz operation

                                     122µs at 32kHz operation

• Incorporated ROM capacity 52K bytes (CXP87352), 60K bytes (CXP87360)

• Incorporated RAM capacity 2048 bytes

• Peripheral functions

   — A/D converter 8-bit, 12-channel, successive approximation system(Conversion time 20.0µs/16MHz)

   — Serial Interface Incorporated buffer RAM (1 to 32 bytes auto transfer) 1-channel Incorporated 8-bit and 8-stage FIFO for data(1 to 8 bytes auto transfer) 1-channel

   — Timer 8-bit timer, 8-bit timer/counter, 19-bit time base timer, 32kHz timer/counter

   — High precision timing pattern generator PPG 19-pin 32-stage programmable RTG 5-pin 2-channel

   — PWM/DA gate output PWM 12-bit, 2-channel (Repetitive frequency 62kHz/16MHz) DA gate pulse output 13-bit, 4-channel

   — Servo input control Capstan FG, Drum FG/PG, CTL input

   — VSYNC separator

   — FRC capture unit Incorporated 26-bit and 8-stage FIFO

   — PWM output 14-bit, 1-channel

   — VISS/VASS circuit Pulse duty auto detection circuit

   — Remote control receiving circuit 8-bit pulse measurement counter with on-chip, 6-stage FIFO

   — General purpose prescaler 7-bit (SYNC1 input frequency divided, FRC capture possible)

   — HSYNC counter 12-bit event counter (Counts SYNC1 input.)

• Interruption 22 factors, 15 vectors, multi-interruption possible

• Standby mode SLEEP/STOP

• Package 100-pin plastic QFP/LQFP

• Piggyback/evaluation chip CXP87300 100-pin ceramic QFP/LQFP



 




Similar Part No. - CXP87360

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP87300 SONY-CXP87300 Datasheet
545Kb / 8P
CMOS 8-bit Single Chip Microcomputer
CXP873P60 SONY-CXP873P60 Datasheet
475Kb / 32P
CMOS 8-bit Single Chip Microcomputer
More results


Similar Description - CXP87360

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M37630M4T MITSUBISHI-M37630M4T Datasheet
571Kb / 48P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
38D5 RENESAS-38D5 Datasheet
2Mb / 141P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
3826OTP RENESAS-3826OTP Datasheet
999Kb / 91P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
38K0 RENESAS-38K0 Datasheet
1Mb / 133P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M3882 RENESAS-M3882 Datasheet
600Kb / 62P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
38C3 RENESAS-38C3 Datasheet
930Kb / 63P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
38C8 RENESAS-38C8 Datasheet
974Kb / 55P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
3825 RENESAS-3825 Datasheet
1Mb / 71P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M37515M4-XXXHP RENESAS-M37515M4-XXXHP Datasheet
800Kb / 55P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M37161M8 RENESAS-M37161M8 Datasheet
1Mb / 129P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com