Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A1103 Datasheet (PDF) - SEC Electronics Inc.

A1103 Datasheet PDF - SEC Electronics Inc.
Part # A1103
Download  A1103 Download
File Size   183.08 Kbytes
Page   6 Pages
Manufacturer  SECELECTRONICS [SEC Electronics Inc.]
Direct Link  http://www.secsemi.com
Logo SECELECTRONICS - SEC Electronics Inc.
Description Unipolar Hall-Effect Digital Switch

A1103 Datasheet (PDF)

Go To PDF Page Download Datasheet
A1103 Datasheet PDF - SEC Electronics Inc.

Part # A1103
Download  A1103 Click to download

File Size   183.08 Kbytes
Page   6 Pages
Manufacturer  SECELECTRONICS [SEC Electronics Inc.]
Direct Link  http://www.secsemi.com
Logo SECELECTRONICS - SEC Electronics Inc.
Description Unipolar Hall-Effect Digital Switch

A1103 Datasheet (HTML) - SEC Electronics Inc.


A1103 Product details

General Descriptions
The A1103 is a unipolar Hall-effect sensor IC fabricated from bipolar technology. The device integrates a voltage regulator, reverse battery protection diode, Hall sensor with dynamic offset cancellation system, temperature compensation circuitry, small signal amplifier, Schmitt trigger and an open-collector output to sink up to 25 mA. With suitable output pull up, they can be used with bipolar or CMOS logic circuits.

Features and Benefits
– 4.5V to 24V Operation
– -40℃ to 150℃ Superior temperature operation
– Bipolar technology
– Open-collector 25 mA output
– Reverse battery protection
– Small Size-SOT23 3L or SIP 3L
– Solid-state reliability
– Resistant to physical stress
– Activate with small, commercially available Permanent magnets

Application Examples
– Automotive, Consumer and Industrial
– Solid-state switch
– Brushless DC motor commutation
– Speed detection
– Linear position detection
– Angular position detection
– Proximity detection




Similar Part No. - A1103

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1103 ALLEGRO-A1103 Datasheet
326Kb / 11P
Continuous-Time Switch Family
A1103 ALLEGRO-A1103 Datasheet
303Kb / 12P
Continuous-Time Switch
A1103 ALLEGRO-A1103 Datasheet
285Kb / 13P
The Allegro A1101-A1104 and A1106 Hall-effect switches are next generation replacements for the popular Allegro 312x and 314x lines of unipolar switches.
A1103 ALLEGRO-A1103 Datasheet
756Kb / 13P
Continuous-Time Switch Family
A1103ELHLT-T ALLEGRO-A1103ELHLT-T Datasheet
326Kb / 11P
Continuous-Time Switch Family
More results


Similar Description - A1103

ManufacturerPart #DatasheetDescription
logo
SEC Electronics Inc.
SS443 SECELECTRONICS-SS443 Datasheet
182Kb / 6P
Unipolar Hall-Effect Digital Switch
SS1103 SECELECTRONICS-SS1103 Datasheet
163Kb / 5P
Unipolar Hall-Effect Digital Switch
SS3144 SECELECTRONICS-SS3144 Datasheet
183Kb / 6P
Unipolar Hall-Effect Digital Switch
SS189 SECELECTRONICS-SS189 Datasheet
210Kb / 5P
Unipolar Hall-Effect Digital Switch
SS118 SECELECTRONICS-SS118_13 Datasheet
182Kb / 5P
Unipolar Hall-Effect Digital Switch
SS133 SECELECTRONICS-SS133_14 Datasheet
234Kb / 6P
Unipolar Hall-Effect Digital Switch
S3144 SECELECTRONICS-S3144_13 Datasheet
235Kb / 6P
Unipolar Hall-Effect Digital Switch
SS118_1311 SECELECTRONICS-SS118_1311 Datasheet
178Kb / 5P
Unipolar Hall-Effect Digital Switch
SS441_1311 SECELECTRONICS-SS441_1311 Datasheet
181Kb / 6P
Unipolar Hall-Effect Digital Switch
SS657_1311 SECELECTRONICS-SS657_1311 Datasheet
200Kb / 6P
Unipolar Hall-Effect Digital Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com