Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT32F2755 Datasheet (PDF) - Holtek Semiconductor Inc

HT32F2755 Datasheet PDF - Holtek Semiconductor Inc
Part # HT32F2755
Download  HT32F2755 Download
File Size   1809.05 Kbytes
Page   45 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description Holtek 32-bit Microcontroller with ARM짰 Cortex??M3 Core

HT32F2755 Datasheet (PDF)

Go To PDF Page Download Datasheet
HT32F2755 Datasheet PDF - Holtek Semiconductor Inc

Part # HT32F2755
Download  HT32F2755 Click to download

File Size   1809.05 Kbytes
Page   45 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description Holtek 32-bit Microcontroller with ARM짰 Cortex??M3 Core

HT32F2755 Datasheet (HTML) - Holtek Semiconductor Inc


HT32F2755 Product details

General Description

The Holtek HT32F1755/1765/2755 devices are high performance and low power consumption 32-bit

microcontrollers based around an ARM® Cortex™-M3 processor core. The Cortex™-M3 is a next-generation processor core which is tightly coupled with Nested Vectored Interrupt Controller (NVIC), SysTick timer, and including advanced debug support.



Features

Core

▀ 32-bit ARM® Cortex™-M3 processor core

▀ Up to 72MHz operation frequency

▀ 1.25 DMIPS/MHz (Dhrystone 2.1)

▀ Single-cycle multiplication and hardware division

▀ Integrated Nested Vectored Interrupt Controller (NVIC)

▀ 24-bit SysTick timer

On-chip Memory

▀ 128KBon-chip Flash memory for instruction/data and options storage

▀ up to 64KBon-chip SRAM

▀ Supports multiple boot modes

Flash Memory Controller

▀ Flash accelerator formaximum efficiency

▀ 32-bit word programming with In System Programming Interface (ISP) and In Application Programming (IAP)

▀ Flash protection capability to prevent illegal access

Reset Control Unit

▀ Supply supervisor:

  ● Power-on Reset – POR

  ● Brown-out Detector – BOD

  ● Programmable Low Voltage Detector – LVD

Clock Control Unit

▀ External 4 to 16MHz crystal oscillator

▀ External 32,768Hz crystal oscillator

▀ Internal 8MHz RC oscillator trimmed to ±2% accuracy at 3.3V operating voltage and 25°C operating temperature

▀ Internal 32kHz RC oscillator

▀ Integrated system clock PLL

▀ Independent clock gating bits for peripheral clock sources

Power Management

▀ Single 3.3V power supply: 2.7V to 3.6V

▀ Integrated 1.8V LDO regulator for core and peripheral power supply

▀ VBATbattery power supply for RTC and backup registers

▀ Three power domains: 3.3V, 1.8V and Backup

▀ Four power saving modes: Sleep, Deep-Sleep1, Deep-Sleep2, Power-Down

Analog to Digital Converter

▀ 12-bit SAR ADC engine

▀ Up to 1Msps conversion rate – 1μs at 56MHz, 1.17μs at 72MHz

▀ 8 external analog input channels

▀ Supply voltage range: 2.7V ~ 3.6V

▀ Conversion range: VREF+~ VREF

Analog Operational Amplifier/Comparator

▀ Two Operational Amplifiers or Comparator functions which are software configurable

▀ Supply voltage range: 2.7V ~ 3.6V

I/O Ports

▀ Up to 80 GPIOs

▀ Port A, B, C, D, E are mapped as 16 external interrupts – EXTI

▀ Almost all I/O pins are 5V-tolerant except for pins shared with analog inputs

PWM Generation and Capture Timers – GPTM

▀ Two 16-bit General-Purpose Timers – GPTM

▀ Up to 4-channel PWM Compare Output or Input Capture function for each GPTM

▀ External trigger input




Similar Part No. - HT32F2755

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT32F22366 HOLTEK-HT32F22366 Datasheet
1Mb / 56P
32-Bit Arm Cortex -M3 Microcontroller, up to 256 KB Flash and 128 KB SRAM
November 07, 2017
More results


Similar Description - HT32F2755

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LPC1766 ETC2-LPC1766 Datasheet
1Mb / 70P
32-bit ARM Cortex-M3 microcontroller;
logo
fujitsu semiconductor
MB9BF500 FUJITSU-MB9BF500 Datasheet
784Kb / 4P
32-bit MCUs with ARM Cortex-M3 Core
logo
NXP Semiconductors
LPC178X NXP-LPC178X Datasheet
1Mb / 117P
32-bit ARM Cortex-M3 microcontroller
Rev. 2-27 May 2011
logo
Holtek Semiconductor In...
HT32F1251 HOLTEK-HT32F1251 Datasheet
851Kb / 35P
32-bit Microcontroller with ARM Cortex-M3 Core
May 27, 2011
HT32F1251 HOLTEK-HT32F1251_12 Datasheet
1Mb / 35P
Holtek 32-bit Microcontroller with ARM짰 Cortex??M3 Core
logo
Cypress Semiconductor
MB9A110A CYPRESS-MB9A110A Datasheet
4Mb / 112P
32-bit ARM짰 Cortex짰-M3 FM3 Microcontroller
MB9B110T CYPRESS-MB9B110T Datasheet
3Mb / 133P
32-bit ARM짰 Cortex짰-M3 FM3 Microcontroller
MB9B120J CYPRESS-MB9B120J Datasheet
947Kb / 77P
32-bit ARM짰 Cortex짰-M3 FM3 Microcontroller
MB9B410R CYPRESS-MB9B410R Datasheet
1Mb / 112P
32-bit Arm짰 Cortex짰-M3 FM3 Microcontroller
MB9B510T CYPRESS-MB9B510T Datasheet
4Mb / 126P
32-bit ARM짰 Cortex짰-M3 FM3 Microcontroller
More results




About Holtek Semiconductor Inc


Holtek Semiconductor Inc. is a Taiwanese semiconductor company that specializes in the design and manufacture of microcontrollers, mixed-signal integrated circuits, and other semiconductor products. The company was founded in 1998 and is headquartered in Taipei, Taiwan.

Holtek Semiconductor's products are used in a wide range of applications, including consumer electronics, home appliances, security systems, and industrial automation. The company's product portfolio includes a variety of microcontrollers, such as 8-bit, 16-bit, and 32-bit microcontrollers, as well as mixed-signal integrated circuits, such as power management ICs, motor control ICs, and LED driver ICs.

Holtek Semiconductor is committed to quality and reliability, and it has obtained various certifications, including ISO 9001 and ISO 14001. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, Holtek Semiconductor is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and cost-effective solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com