Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT68F017 Datasheet (PDF) - Holtek Semiconductor Inc

HT68F017 Datasheet PDF - Holtek Semiconductor Inc
Part # HT68F017
Download  HT68F017 Download
File Size   1427.42 Kbytes
Page   116 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description Enhanced Flash Type 8-Bit MCU with EEPROM

HT68F017 Datasheet (PDF)

Go To PDF Page Download Datasheet
HT68F017 Datasheet PDF - Holtek Semiconductor Inc

Part # HT68F017
Download  HT68F017 Click to download

File Size   1427.42 Kbytes
Page   116 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description Enhanced Flash Type 8-Bit MCU with EEPROM

HT68F017 Datasheet (HTML) - Holtek Semiconductor Inc


HT68F017 Product details

General Description
The devices are Flash Memory type 8-bit high performance RISC architecture microcontrollers. Offering users the convenience of Flash Memory multi-programming features, these devices also include a wide range of functions and features. Other memory includes an area of RAM Data Memory as well as an area of true EEPROM memory for storage of non-volatile data such as serial numbers, calibration data etc.

Features
CPU Features
● Operating Voltage:
   fSYS= 8MHz: 2.2V~5.5V
   fSYS= 12MHz: 2.7V~5.5V
   fSYS= 16MHz: 3.3V~5.5V
   fSYS= 20MHz: 4.5V~5.5V
● Up to 0.2μs instruction cycle with 20MHz system
   clock at VDD=5V
● Power down and wake-up functions to reduce power
   consumption
● Three oscillators
   - External crystal -- HXT
   - Internal RC --HIRC
   - Internal 32kHz RC -- LIRC
● Multi-mode operation: NORMAL, SLOW, IDLE and SLEEP
● Fully integrated internal 8MHz oscillator requires no
   external components
● All instructions executed in one or two instruction cycles
● Table read instructions
● 63 powerful instructions
● 8 subroutine nesting levels
● Bit manipulation instruction

Peripheral Features
● Flash Program Memory: up to 2Kx16
● RAM Data Memory: up to 128x8
● True EEPROM Memory: 64x8
● Watchdog Timer function
● 14 bidirectional I/O lines
● Two external interrupt lines shared with I/O pins
● Multiple Timer Module for time measure, input
   capture, compare match output, PWM output or
   single pulse output functions
● Comparator function
● Dual Time-Base functions for generation of fixed time
   interrupt signals
● Low voltage reset function
● Low voltage detect function
● 4-channel 12-bit resolution A/D converter
● Package types: 16-pin DIP/NSOP/SSOP
● Flash program memory can be re-programmed up to
   100,000 times
● Flash program memory data retention > 10 years
● True EEPROM data memory can be re-programmed
   up to 1,000,000 times
● True EEPROM data memory data retention > 10 years




Similar Part No. - HT68F017

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT68F001 HOLTEK-HT68F001 Datasheet
5Mb / 55P
Cost-Effective Flash MCU
HT68F002 HOLTEK-HT68F002 Datasheet
6Mb / 119P
Cost-Effective Flash MCU with EEPROM
April 11, 2017
HT68F0025 HOLTEK-HT68F0025 Datasheet
6Mb / 119P
Cost-Effective Flash MCU with EEPROM
April 11, 2017
HT68F003 HOLTEK-HT68F003 Datasheet
6Mb / 119P
Cost-Effective Flash MCU with EEPROM
April 11, 2017
HT68F005 HOLTEK-HT68F005 Datasheet
4Mb / 93P
Enhanced I/O Flash Type MCU
October 22, 2012
More results


Similar Description - HT68F017

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT66F20 HOLTEK-HT66F20 Datasheet
1Mb / 224P
Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
November 3, 2009
HT68F20 HOLTEK-HT68F20 Datasheet
1Mb / 210P
Enhanced I/O Flash Type MCU 8-Bit MCU with EEPROM
November 3, 2009
HT66F20 HOLTEK-HT66F20_10 Datasheet
1Mb / 246P
Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
February 1, 2010
HT68F20 HOLTEK-HT68F20_10 Datasheet
1Mb / 232P
Enhanced I/O Flash Type MCU 8-Bit MCU with EEPROM
February 1, 2010
HT66F20_1006 HOLTEK-HT66F20_1006 Datasheet
1Mb / 250P
Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
June 4, 2010
HT68F20_1006 HOLTEK-HT68F20_1006 Datasheet
1Mb / 236P
Enhanced I/O Flash Type MCU 8-Bit MCU with EEPROM
HT66F20_1109 HOLTEK-HT66F20_1109 Datasheet
2Mb / 244P
Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
October 24, 2011
HT66F016 HOLTEK-HT66F016 Datasheet
1Mb / 116P
Enhanced Flash Type 8-Bit MCU with EEPROM
HT66F30-1 HOLTEK-HT66F30-1 Datasheet
7Mb / 196P
Enhanced Flash Type 8-Bit MCU with EEPROM
January 17, 2013
HT66F03C HOLTEK-HT66F03C Datasheet
1Mb / 142P
8-Pin Enhanced Flash Type 8-Bit MCU with EEPROM
More results




About Holtek Semiconductor Inc


Holtek Semiconductor Inc. is a Taiwanese semiconductor company that specializes in the design and manufacture of microcontrollers, mixed-signal integrated circuits, and other semiconductor products. The company was founded in 1998 and is headquartered in Taipei, Taiwan.

Holtek Semiconductor's products are used in a wide range of applications, including consumer electronics, home appliances, security systems, and industrial automation. The company's product portfolio includes a variety of microcontrollers, such as 8-bit, 16-bit, and 32-bit microcontrollers, as well as mixed-signal integrated circuits, such as power management ICs, motor control ICs, and LED driver ICs.

Holtek Semiconductor is committed to quality and reliability, and it has obtained various certifications, including ISO 9001 and ISO 14001. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, Holtek Semiconductor is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and cost-effective solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com