Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXP88800 Datasheet (PDF) - Sony Corporation

CXP88800 Datasheet PDF - Sony Corporation
Part # CXP88800
Download  CXP88800 Download
File Size   150.87 Kbytes
Page   6 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description CMOS 8-bit Single Chip Microcomputer

CXP88800 Datasheet (PDF)

Go To PDF Page Download Datasheet
CXP88800 Datasheet PDF - Sony Corporation

Part # CXP88800
Download  CXP88800 Click to download

File Size   150.87 Kbytes
Page   6 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description CMOS 8-bit Single Chip Microcomputer

CXP88800 Datasheet (HTML) - Sony Corporation


CXP88800 Product details

Description
The CXP88800 is a CMOS 8-bit single chip microcomputer of piggyback/evaluator combined type, which is developed for evaluating the function of the CXP88616/88624, CXP88732/88740/88748 and CXP88852/88860.

Features
• A wide instruction set (213 instructions) which cover various types of data.
   — 16-bit operation/multiplication and division/boolean bit operation instructions
• Minimum instruction cycle 250ns at 16MHz operation
   122µs at 32kHz operation
• Applicable EPROM LCC type 27C512
   (Maximum capacity : 60K bytes for option1,
   32K bytes for option2)
• Incorporated RAM capacity 1600 bytes
• Peripheral functions
   — A/D converter 8-bit, 8-channel, successive approximation method
      (Conversion time of 20.0µs/16MHz)
   — Serial interface Incorporated 8-bit and 8-stage FIFO
      (auto transfer for 1 to 8 bytes), 1 channel
      8-bit clock synchronous type, 1 channel
   — Timer 8-bit timer, 8-bit timer/counter, 2 channels
      19-bit time base timer, 32kHz timer/counter
   — High precision timing pattern generator PPG 19-pin, 32-stage programmable, RTG 5 pins, 2 channels
      5-bit, 8-stage FIFO (RECCTL control), 1 channel
   — PWM/DA gate output PWM output 12 bits 2 channels
      (Repetitive frequency 62.5kHz/16MHz)
      DA gate pulse output 13 bits, 2 channels
   — Analog signal input circuit Capstan FG amplifier circuit
      Drum FG amplifier circuit
      Drum PG amplifer circuit
      PBCTL amplifier circuit
   — CTL write/rewrite circuit Recording current control circuit
   — Servo input control Capstan FG, drum FG/PG, CTL input
   — VSYNC separator
   — FRC capture unit Incorporated 26-bit and 8-stage FIFO
   — PWM output 14 bits, 1 channel
   — VISS/VASS circuit Pulse duty auto detection circuit
   — Remote control receiving circuit 8-bit pulse measurement counter with on-chip, 6-stage FIFO
   — Tri-state output PPG output 1 pin, output 8 pins
   — Psendo HSYNC output function
   — High-speed head switching circuit
• Interruption 20 factors, 15 vectors, multi-interruption possible
• Standby mode SLEEP/STOP
• Package 100-pin ceramic QFP




Similar Part No. - CXP88800

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP88852 SONY-CXP88852 Datasheet
530Kb / 32P
CMOS 8-bit Single Chip Microcomputer
CXP88860 SONY-CXP88860 Datasheet
530Kb / 32P
CMOS 8-bit Single Chip Microcomputer
CXP888P60 SONY-CXP888P60 Datasheet
424Kb / 32P
CMOS 8-bit Single Chip Microcomputer
More results


Similar Description - CXP88800

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M37630M4T MITSUBISHI-M37630M4T Datasheet
571Kb / 48P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
38D5 RENESAS-38D5 Datasheet
2Mb / 141P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
3826OTP RENESAS-3826OTP Datasheet
999Kb / 91P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
38K0 RENESAS-38K0 Datasheet
1Mb / 133P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M3882 RENESAS-M3882 Datasheet
600Kb / 62P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
38C3 RENESAS-38C3 Datasheet
930Kb / 63P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
38C8 RENESAS-38C8 Datasheet
974Kb / 55P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
3825 RENESAS-3825 Datasheet
1Mb / 71P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M37515M4-XXXHP RENESAS-M37515M4-XXXHP Datasheet
800Kb / 55P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M37161M8 RENESAS-M37161M8 Datasheet
1Mb / 129P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com