Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXP971000 Datasheet (PDF) - Sony Corporation

CXP971000 Datasheet PDF - Sony Corporation
Part # CXP971000
Download  CXP971000 Download
File Size   236.75 Kbytes
Page   9 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description CMOS 16-bit Single Chip Microcomputer

CXP971000 Datasheet (PDF)

Go To PDF Page Download Datasheet
CXP971000 Datasheet PDF - Sony Corporation

Part # CXP971000
Download  CXP971000 Click to download

File Size   236.75 Kbytes
Page   9 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description CMOS 16-bit Single Chip Microcomputer

CXP971000 Datasheet (HTML) - Sony Corporation


CXP971000 Product details

Description
The CXP971000 is a CMOS 16-bit single chip microcomputer of piggyback/evaluator combined type, which is developed for evaluating the function of the CXP972032/973032/973064.

Features
• An efficient instruction set as a controller
   – Direct addressing, numerous abbreviated forms,
      multiplication and division instructions
• Instruction sets for C language and RTOS
   – Highly quadratic instruction system,
      general-purpose register of eight 16-bit × 16-bank configuration
• Minimum instruction cycle time 50ns at 40MHz operation (2.7 to 3.6V)
• Incorporated EPROM CXP27V1000K
• Incorporated RAM capacity 23.5K bytes
• Peripheral functions
   — A/D converter 8-bit 12-analog input, successive approximation system,
      3-stage FIFO (Conversion time: 1.55µs at 40MHz)
   — Serial interface Asynchronous serial interface (UART)
      128-byte buffer RAM, 3 channels
   — I2C bus interface 64-byte buffer RAM
      (supports master/slave and automatic transfer mode)
   — Timers 8-bit timer/counter, 2 channels (with timing output)
      16-bit capture timer/counter (with timing output)
      16-bit timer, 4 channels, watchdog timer
   — PWM output circuit 14-bit PWM, 4 channels
      (2-channel of binary output switch function by PPG)
   — Programmable pattern generator 16-bit output, 64-byte buffer RAM, 1 channel
   — Remote control receive circuit 8-bit pulse measurement counter, 10-stage FIFO
   — Parallel interface External register interface (8-bit parallel bus), 4-chip select
• Interruption 33 factors, 33 vectors, multi-interruption and priority selection possible
• Standby mode Sleep/stop
• Package 100-pin Ceramic PQFP
• Mask ROM CXP972032/973032/973064
• FLASH EEPROM incorporated type CXP973F064




Similar Part No. - CXP971000

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP972032 SONY-CXP972032 Datasheet
485Kb / 44P
CMOS 16-bit Single Chip Microcomputer
CXP973032 SONY-CXP973032 Datasheet
485Kb / 44P
CMOS 16-bit Single Chip Microcomputer
CXP973064 SONY-CXP973064 Datasheet
485Kb / 44P
CMOS 16-bit Single Chip Microcomputer
CXP973F064 SONY-CXP973F064 Datasheet
449Kb / 42P
CMOS 16-bit Single Chip Microcomputer
CXP974096 SONY-CXP974096 Datasheet
421Kb / 40P
CMOS 16-bit Single Chip Microcomputer
More results


Similar Description - CXP971000

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M30622M6P RENESAS-M30622M6P Datasheet
831Kb / 87P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Mitsubishi Electric Sem...
M30620MCN MITSUBISHI-M30620MCN Datasheet
3Mb / 246P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
16C26 RENESAS-16C26 Datasheet
238Kb / 39P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M306V8FJFP RENESAS-M306V8FJFP Datasheet
3Mb / 365P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
R8C-16 RENESAS-R8C-16 Datasheet
623Kb / 38P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C30 RENESAS-M16C30_02 Datasheet
2Mb / 178P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C62 RENESAS-M16C62 Datasheet
3Mb / 231P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C62A RENESAS-M16C62A Datasheet
3Mb / 242P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C62N RENESAS-M16C62N Datasheet
3Mb / 213P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M37702M2AXXXFP RENESAS-M37702M2AXXXFP Datasheet
751Kb / 60P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com