Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC00A Datasheet (PDF) - Diodes Incorporated

74LVC00A Datasheet PDF - Diodes Incorporated
Part # 74LVC00A
Download  74LVC00A Download
File Size   183.47 Kbytes
Page   9 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description QUADRUPLE 2-INPUT NAND GATES

74LVC00A Datasheet (PDF)

Go To PDF Page Download Datasheet
74LVC00A Datasheet PDF - Diodes Incorporated

Part # 74LVC00A
Download  74LVC00A Click to download

File Size   183.47 Kbytes
Page   9 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description QUADRUPLE 2-INPUT NAND GATES

74LVC00A Datasheet (HTML) - Diodes Incorporated


74LVC00A Product details

Description
The 74LVC00A provides four independent 2-input NAND gates. The device is designed for operation with a power supply range of 1.65V to 5.5V. The inputs are tolerant to 5.5V allowing this device to be used in a mixed voltage environment. The device is fully specified for partial power down applications using IOFF. The IOFF circuitry disables the output preventing damaging current backflow when the device is powered down.
   
Features
• Supply Voltage Range from 1.65V to 5.5V
• Sinks 24mA at VCC = 3.3V
• CMOS low power consumption
• IOFF Supports Partial-Power-Down Mode Operation
• Inputs or outputs accept up to 5.5V
• Inputs can be driven by 3.3V or 5.5V allowing for voltage
    translation applications.
• ESD Protection Exceeds JESD 22
    ▪ 200-V Machine Model (A115-A)
    ▪ 2000-V Human Body Model (A114-A)
    ▪ Exceeds 1000-V Charged Device Model (C101C)
• Latch-Up Exceeds 250mA per JESD 78, Class II
• Range of Package Options SO-14 and TSSOP-14
• Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
   
Applications
• Voltage Level Shifting
• General Purpose Logic
• Power Down Signal Isolation
• Wide array of products such as:
    ▪ PCs, networking, notebooks, ultrabooks, netbooks
    ▪ Computer peripherals, hard drives, CD/DVD ROM
    ▪ TV, DVD, DVR, set top box
   




Similar Part No. - 74LVC00A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC00A PHILIPS-74LVC00A Datasheet
86Kb / 8P
Quad 2-input NAND gate
1998 Apr 28
logo
STMicroelectronics
74LVC00A STMICROELECTRONICS-74LVC00A Datasheet
299Kb / 8P
LOW VOLTAGE CMOS QUAD 2-INPUT NAND GATE HIGH PERFORMANCE
Feb-2002
logo
ON Semiconductor
74LVC00A ONSEMI-74LVC00A Datasheet
95Kb / 8P
Low-Voltage CMOS Quad 2-Input NAND Gate
September, 2015 ??Rev. 0
logo
Nexperia B.V. All right...
74LVC00A NEXPERIA-74LVC00A Datasheet
235Kb / 12P
Quad 2-input NAND gate
Rev. 9 - 17 September 2021
74LVC00A-Q100 NEXPERIA-74LVC00A-Q100 Datasheet
745Kb / 14P
Quad 2-input NAND gate
More results


Similar Description - 74LVC00A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LS00 RENESAS-HD74LS00 Datasheet
65Kb / 6P
Quadruple 2-Input NAND Gates
logo
Diodes Incorporated
74LV00A DIODES-74LV00A Datasheet
303Kb / 9P
QUADRUPLE 2-INPUT NAND GATES
Rev 1
74HCT00 DIODES-74HCT00 Datasheet
305Kb / 8P
QUADRUPLE 2-INPUT NAND GATES
Rev 3
74HC00 DIODES-74HC00 Datasheet
299Kb / 8P
QUADRUPLE 2-INPUT NAND GATES
Rev 3
74AHCT00 DIODES-74AHCT00 Datasheet
288Kb / 8P
QUADRUPLE 2-INPUT NAND GATES
Rev 3
74AHC00 DIODES-74AHC00 Datasheet
294Kb / 8P
QUADRUPLE 2-INPUT NAND GATES
Rev 3
logo
Renesas Technology Corp
HD74LS00 RENESAS-HD74LS00_15 Datasheet
94Kb / 8P
Quadruple 2-Input NAND Gates
logo
Aeroflex Circuit Techno...
UT54ACS00 AEROFLEX-UT54ACS00 Datasheet
230Kb / 9P
Quadruple 2-Input NAND Gates
UT54ACS00E AEROFLEX-UT54ACS00E Datasheet
414Kb / 8P
Quadruple 2-Input NAND Gates
UT54ACTS00E AEROFLEX-UT54ACTS00E Datasheet
207Kb / 9P
Quadruple 2-Input NAND Gates
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com