Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS005AKC Datasheet (PDF) - Sony Corporation

DS005AKC Datasheet PDF - Sony Corporation
Part # DS005AKC
Download  DS005AKC Download
File Size   343.0 Kbytes
Page   12 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description Single-Panel Liquid Crystal Optical Engine for Rear Projectors

DS005AKC Datasheet (PDF)

Go To PDF Page Download Datasheet
DS005AKC Datasheet PDF - Sony Corporation

Part # DS005AKC
Download  DS005AKC Click to download

File Size   343.0 Kbytes
Page   12 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description Single-Panel Liquid Crystal Optical Engine for Rear Projectors

DS005AKC Datasheet (HTML) - Sony Corporation


DS005AKC Product details

Description
The DS005AKC is a single-panel liquid crystal optical engine for use in rear projectors, and is capable of full-color displays without color filters (CF).
The DS005AKC employs a square pixel arrangement optimal for data projector applications, and allows clear graphic and character displays. Up/down and/or right/left inversion functions accommodate various mounting methods.

Features
• Number of active dots: 1,456,000
• Horizontal resolution: 600 TV lines
• Supports SVGA (804 × 3 × 604)/PC98∗ (804 × 3 × 500) mode display NTSC/NTSC-WIDE/PAL/PAL-WIDE modes also available through conversion of scanned dot numbers by an external IC
• Up/down and/or right/left inverse display function
• Full-color display with CF-less projection system
• High luminance: normally-white 200 ANSIlm (typ.)
• Ultra-wide angle lens for short projection distances (592.8mm/39.8 type)
• Image distortion correction floating mechanism to support 40 to 50 type
• Relative luminance: 70% or more
• Uses HID lamp (100W)




Similar Part No. - DS005AKC

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
DS005AKA SONY-DS005AKA Datasheet
314Kb / 12P
Single-Panel Liquid Crystal Optical Engine for Rear Projectors
More results


Similar Description - DS005AKC

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M52338FP MITSUBISHI-M52338FP Datasheet
136Kb / 12P
INTERFACE IC FOR ACTIVE MATRIX LIQUID CRYSTAL PANEL
logo
Panasonic Semiconductor
MN83876A PANASONIC-MN83876A Datasheet
28Kb / 3P
Liquid Crystal Display Panel Source Driver
logo
Sony Corporation
CXD3503R SONY-CXD3503R Datasheet
175Kb / 19P
Color Shading Correction IC for Liquid Crystal Projectors
CXD3504R SONY-CXD3504R Datasheet
279Kb / 12P
Color Shading Correction IC for Liquid Crystal Projectors
DS001AKA SONY-DS001AKA Datasheet
236Kb / 13P
Single-Panel Liquid Crystal Optical Engine for Rear Projectors
DS002AKA SONY-DS002AKA Datasheet
293Kb / 13P
Single-Panel Liquid Crystal Optical Engine for Rear Projectors
DS005AKA SONY-DS005AKA Datasheet
314Kb / 12P
Single-Panel Liquid Crystal Optical Engine for Rear Projectors
logo
AZ Displays
ACM1602E AZDISPLAYS-ACM1602E Datasheet
284Kb / 10P
SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
ACM1602K AZDISPLAYS-ACM1602K Datasheet
283Kb / 10P
SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
logo
Sony Corporation
CXD2403AR SONY-CXD2403AR Datasheet
1Mb / 25P
Timing Generator for Color Liquid Crystal Panel
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com