Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THC63LVD103D Datasheet (PDF) - THine Electronics, Inc.

THC63LVD103D Datasheet PDF - THine Electronics, Inc.
Part # THC63LVD103D
Download  THC63LVD103D Download
File Size   110.7 Kbytes
Page   12 Pages
Manufacturer  THINE [THine Electronics, Inc.]
Direct Link  http://www.thine.co.jp/index_e.html
Logo THINE - THine Electronics, Inc.
Description 160MHz 30Bits COLOR LVDS Transmitter

THC63LVD103D Datasheet (PDF)

Go To PDF Page Download Datasheet
THC63LVD103D Datasheet PDF - THine Electronics, Inc.

Part # THC63LVD103D
Download  THC63LVD103D Click to download

File Size   110.7 Kbytes
Page   12 Pages
Manufacturer  THINE [THine Electronics, Inc.]
Direct Link  http://www.thine.co.jp/index_e.html
Logo THINE - THine Electronics, Inc.
Description 160MHz 30Bits COLOR LVDS Transmitter

THC63LVD103D Datasheet (HTML) - THine Electronics, Inc.


THC63LVD103D Product details

General Description

The THC63LVD103D transmitter is designed to support pixel data transmission between Host and Flat Panel Display from NTSC up to 1080p(60Hz). The THC63LVD103D converts 35bits of CMOS/TTL data into LVDS(Low Voltage Differential Signaling) data stream. The transmitter can be programmed for rising edge or falling edge clocks through a dedicated pin. At a transmit clock frequency of 160MHz, 30bits of RGB data and 5bits of timing and control data (HSYNC, VSYNC, DE, CNTL1, CNTL2) are transmit ted at an effective rate of 1.12Gbps per LVDS channel.



Features

• Wide dot clock range: 8-160MHz suited for NTSC, VGA, SVGA, XGA,SXGA and SXGA+ and 1080p

• PLL requires no external components

• Supports spread spectrum clock generator

• On chip jitter filtering

• Clock edge selectable

• Supports reduced swing LVDS for low EMI

• Power down mode

• Low power single 3.3V CMOS design

• 64pin TQFP

• Pin compatible with THC63LVD103(30bits)




Similar Part No. - THC63LVD103D

ManufacturerPart #DatasheetDescription
logo
THine Electronics, Inc.
THC63LVD103D THINE-THC63LVD103D_15 Datasheet
755Kb / 18P
160MHz 30bit COLOR LVDS TRANSMITTER
More results


Similar Description - THC63LVD103D

ManufacturerPart #DatasheetDescription
logo
THine Electronics, Inc.
THC63LVD104 THINE-THC63LVD104 Datasheet
85Kb / 13P
90MHz 30Bits COLOR LVDS Receiver
logo
Rohm
BU7878KVT ROHM-BU7878KVT Datasheet
146Kb / 6P
90MHz 30BITS COLOR LVDS TRANSMITTER
logo
THine Electronics, Inc.
THC63LVD103 THINE-THC63LVD103 Datasheet
107Kb / 12P
135MHz 30Bits COLOR LVDS Transmitter
THC63LVD104S THINE-THC63LVD104S Datasheet
143Kb / 12P
112MHz 30Bits Color LVDS Receiver
THC63LVD823B THINE-THC63LVD823B Datasheet
170Kb / 21P
160MHz 51Bits LVDS Transmitter
THC63LVD1023B THINE-THC63LVD1023B Datasheet
174Kb / 26P
160MHz 67Bits LVDS Transmitter
THC63LVD104C THINE-THC63LVD104C Datasheet
126Kb / 13P
112MHz 30Bits COLOR LVDS Receiver
THC63LVD103D THINE-THC63LVD103D_15 Datasheet
755Kb / 18P
160MHz 30bit COLOR LVDS TRANSMITTER
THC63LVD104C THINE-THC63LVD104C_15 Datasheet
273Kb / 14P
112MHz 30Bits COLOR LVDS Receiver
THC63LVD823B THINE-THC63LVD823B_15 Datasheet
314Kb / 22P
160MHz 51Bits LVDS Transmitter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com