Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICX054AL Datasheet (PDF) - Sony Corporation

ICX054AL Datasheet PDF - Sony Corporation
Part # ICX054AL
Download  ICX054AL Download
File Size   341.76 Kbytes
Page   17 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description 1/3-inch CCD Image Sensor for EIA B/W Camera

ICX054AL Datasheet (PDF)

Go To PDF Page Download Datasheet
ICX054AL Datasheet PDF - Sony Corporation

Part # ICX054AL
Download  ICX054AL Click to download

File Size   341.76 Kbytes
Page   17 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description 1/3-inch CCD Image Sensor for EIA B/W Camera

ICX054AL Datasheet (HTML) - Sony Corporation


ICX054AL Product details

Description
The ICX054AL is an interline CCD solid-state image sensor suitable for EIA 1/3-inch B/W video cameras. High sensitivity is achieved through the adoption of HAD (Hole-Accumulation Diode) sensors. This chip features a field period readout system, and an electronic shutter with variable charge storage time.

Features
• High sensitivity (+3dB compare with ICX044BLA) and low dark current
• Continuous variable-speed shutter 1/60s (Typ.), 1/100s to 1/10000s
• Low smear
• Excellent antiblooming characteristics
• Horizontal register: 5V drive
• Reset gate: 5V drive




Similar Part No. - ICX054AL

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX054AK SONY-ICX054AK Datasheet
340Kb / 18P
1/3-inch CCD Image Sensor for NTSC Color Camera
More results


Similar Description - ICX054AL

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KC73125MP SAMSUNG-KC73125MP Datasheet
207Kb / 18P
1/3 INCH CCD IMAGE SENSOR FOR EIA CAMERA
KC73125UBA SAMSUNG-KC73125UBA Datasheet
224Kb / 18P
1/3 INCH CCD IMAGE SENSOR FOR EIA CAMERA
KC74125B SAMSUNG-KC74125B Datasheet
231Kb / 18P
1/4 INCH CCD IMAGE SENSOR FOR EIA CAMERA
S5F325NU02 SAMSUNG-S5F325NU02 Datasheet
227Kb / 18P
1/3 INCH CCD IMAGE SENSOR FOR EIA CAMERA
logo
Sony Corporation
ICX027BLA SONY-ICX027BLA Datasheet
268Kb / 13P
1/2 INCH CCD IMAGE SENSOR FOR CCIR B/W CAMERA
ICX055AL SONY-ICX055AL Datasheet
350Kb / 17P
1/3-inch CCD Image Sensor for CCIR B/W Camera
ICX062AL SONY-ICX062AL Datasheet
225Kb / 16P
Diagonal 11mm (Type 2/3) CCD Image Sensor for EIA B/W Video Camera
ICX038BLA SONY-ICX038BLA Datasheet
374Kb / 17P
1/2 inch CCD Image Sensor for EIA B/W Camera
logo
A1 PROs co., Ltd.
AI329 A1PROS-AI329 Datasheet
62Kb / 8P
1/3 inch CCD Image Sensor for CCIR B/W Camera
Ver1.0
AI325 A1PROS-AI325 Datasheet
87Kb / 8P
1/3 inch CCD Image Sensor for EIA B/W Camera
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com