Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF6665PBF Datasheet (PDF) - International Rectifier

IRF6665PBF Datasheet PDF - International Rectifier
Part # IRF6665PBF
Download  IRF6665PBF Download
File Size   238.79 Kbytes
Page   10 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Latest MOSFET Silicon technology

IRF6665PBF Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF6665PBF Datasheet PDF - International Rectifier

Part # IRF6665PBF
Download  IRF6665PBF Click to download

File Size   238.79 Kbytes
Page   10 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Latest MOSFET Silicon technology

IRF6665PBF Datasheet (HTML) - International Rectifier


IRF6665PBF Product details

Description
This Digital Audio MOSFET is specifically designed for Class-D audio amplifier applications. This MOSFET utilizes the latest processing techniques to achieve low on-resistance per silicon area. Furthermore, gate charge, body-diode reverse recovery and internal gate resistance are optimized to improve key Class-D audio amplifier performance factors such as efficiency, THD, and EMI.

Features
• Latest MOSFET Silicon technology
• Key parameters optimized for Class-D audio amplifier applications
• Low RDS(on) for improved efficiency
• Low Qg for better THD and improved efficiency
• Low Qrr for better THD and lower EMI
• Low package stray inductance for reduced ringing and lower EMI
• Can deliver up to 100W per channel into 8Ω with no heatsink 
• Dual sided cooling compatible
• Compatible with existing surface mount technologies
• RoHS compliant containing no lead or bromide
• ead-Free (Qualified up to 260°C Reflow)




Similar Part No. - IRF6665PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6665PBF IRF-IRF6665PBF Datasheet
238Kb / 10P
Latest MOSFET Silicon technology
IRF6665PBF IRF-IRF6665PBF Datasheet
238Kb / 10P
Latest MOSFET Silicon technology
IRF6665PBF IRF-IRF6665PBF_15 Datasheet
238Kb / 10P
Latest MOSFET Silicon technology
More results


Similar Description - IRF6665PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6641PBF IRF-IRF6641PBF Datasheet
447Kb / 10P
Latest MOSFET silicon technology
IRF6643PBF IRF-IRF6643PBF Datasheet
437Kb / 9P
Latest MOSFET silicon technology
IRF6775MPBF IRF-IRF6775MPBF Datasheet
242Kb / 10P
Latest MOSFET Silicon technology
IRF6785MPBF IRF-IRF6785MPBF Datasheet
609Kb / 9P
Latest MOSFET Silicon technology
IRF66651PBF IRF-IRF66651PBF Datasheet
238Kb / 10P
Latest MOSFET Silicon technology
IRF6641PBF IRF-IRF6641PBF_15 Datasheet
447Kb / 10P
Latest MOSFET silicon technology
IRF6643PBF IRF-IRF6643PBF_15 Datasheet
437Kb / 9P
Latest MOSFET silicon technology
IRF6665PBF IRF-IRF6665PBF_15 Datasheet
238Kb / 10P
Latest MOSFET Silicon technology
IRF6775MPBF IRF-IRF6775MPBF_15 Datasheet
242Kb / 10P
Latest MOSFET Silicon technology
IRF6785MPBF IRF-IRF6785MPBF_15 Datasheet
609Kb / 9P
Latest MOSFET Silicon technology
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com