Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MHW5342A Datasheet (PDF) - Motorola, Inc

MHW5342A Datasheet PDF - Motorola, Inc
Part # MHW5342A
Download  MHW5342A Download
File Size   63.05 Kbytes
Page   4 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 450 MHz CATV Amplifier

MHW5342A Datasheet (PDF)

Go To PDF Page Download Datasheet
MHW5342A Datasheet PDF - Motorola, Inc

Part # MHW5342A
Download  MHW5342A Click to download

File Size   63.05 Kbytes
Page   4 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 450 MHz CATV Amplifier

MHW5342A Datasheet (HTML) - Motorola, Inc


MHW5342A Product details

The RF Line 450 MHz CATV Amplifier

. . . designed specifically for 450 MHz CATV applications. Features ion–implanted arsenic emitter transistors with 7.0 GHz fT and an all gold metallization system.

• Specified for 53– and 60–Channel Performance
• Broadband Power Gain - @ f = 40–450 MHz
    Gp = 34.5 dB Typ @ 50 MHz
    Gp = 35.5 dB Typ @ 450 MHz
• Broadband Noise Figure NF = 5.0 dB (Typ)
• Superior Gain, Return Loss and DC Current Stability with Temperature
• All Gold Metallization
• 7.0 GHz Ion–Implanted Transistors




Similar Part No. - MHW5342A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MHW5382 MOTOROLA-MHW5382 Datasheet
62Kb / 4P
450 MHz CATV Amplifier
MHW5382A MOTOROLA-MHW5382A Datasheet
62Kb / 4P
450 MHz CATV Amplifier
More results


Similar Description - MHW5342A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MHW5122A MOTOROLA-MHW5122A Datasheet
61Kb / 4P
450 MHz CATV Amplifier
MHW5182A MOTOROLA-MHW5182A Datasheet
63Kb / 4P
450 MHz CATV Amplifier
MHW5185B MOTOROLA-MHW5185B Datasheet
55Kb / 4P
High Ouput Doubler 450/550 MHz CATV Amplifier Modules
MHW5222A MOTOROLA-MHW5222A Datasheet
61Kb / 4P
450 MHz CATV Amplifier
MHW5382A MOTOROLA-MHW5382A Datasheet
62Kb / 4P
450 MHz CATV Amplifier
MHW6142 MOTOROLA-MHW6142 Datasheet
57Kb / 2P
550 MHz CATV Amplifier
MHW6182 MOTOROLA-MHW6182 Datasheet
56Kb / 2P
550 MHz CATV Amplifier
MHW6222 MOTOROLA-MHW6222 Datasheet
55Kb / 2P
550 MHz CATV Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
MGA-621P8 AVAGO-MGA-621P8 Datasheet
3Mb / 18P
450 MHz??500 MHz Low Noise Amplifier
logo
Ultralife Corporation.
A-320V1-HKT ULTRALIFE-A-320V1-HKT Datasheet
780Kb / 2P
350-450 MHz Amplifier Kit
5/30/14
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com