Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KMZ60 Datasheet (PDF) - NXP Semiconductors

KMZ60 Datasheet PDF - NXP Semiconductors
Part # KMZ60
Download  KMZ60 Download
File Size   1417.6 Kbytes
Page   29 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Angle sensor with integrated amplifier

KMZ60 Datasheet (PDF)

Go To PDF Page Download Datasheet
KMZ60 Datasheet PDF - NXP Semiconductors

Part # KMZ60
Download  KMZ60 Click to download

File Size   1417.6 Kbytes
Page   29 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Angle sensor with integrated amplifier

KMZ60 Datasheet (HTML) - NXP Semiconductors


KMZ60 Product details

General description
The MagnetoResistive (MR) sensor with integrated amplifier is designed for angular control applications and BrushLess DC (BLDC) motors with even-numbered pole pairs. It consists of two microchips within one package, an angle sensor and an amplifier Integrated Circuit (IC). The circuit delivers cosine and sine output signals related to the angle of a rotating magnetic field. The output voltage range is ratiometric related to the supply voltage. The Temperature Coefficient (TC) of the sensor amplitude can be compensated. A ratiometric output voltage linear to the temperature is delivered. A Power-down mode is implemented.

Features and benefits
◾ High precision sensor for magnetic angle measurement
◾ Single-ended cosine and sine outputs
◾ Ratiometric output voltages
◾ Tamb = 40 °C to +150 °C
◾ Temperature compensated output signal amplitude
◾ Temperature related ratiometric reference voltage
◾ Power-down mode to enable or disable the device
◾ Single package angle sensor with integrated instrumentation amplifier
◾ RoHS compliant and free of halogen and antimony (Dark Green compliant)

Typical applications:
◾ BLDC motor (e.g. EPS)
◾ Window wiper position detection
◾ Steering angle measurement
◾ General contactless angular measurement (e.g. throttle valves or actuators)
◾ Automotive, industrial and consumer applications




Similar Part No. - KMZ60

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
KMZ10 PHILIPS-KMZ10 Datasheet
69Kb / 8P
Magnetic field sensor
1998 Mar 24
KMZ10A PHILIPS-KMZ10A Datasheet
69Kb / 8P
Magnetic field sensor
1998 Mar 24
KMZ10A1 PHILIPS-KMZ10A1 Datasheet
82Kb / 12P
Magnetic field sensor
1998 Apr 06
KMZ10B PHILIPS-KMZ10B Datasheet
67Kb / 8P
Magnetic field sensor
1998 Mar 31
KMZ10C PHILIPS-KMZ10C Datasheet
69Kb / 8P
Magnetic field sensor
1998 Mar 24
More results


Similar Description - KMZ60

ManufacturerPart #DatasheetDescription
logo
PIC GmbH
MK-0270 PIC-MK-0270 Datasheet
47Kb / 1P
Reed Sensor with integrated resistor
logo
Knowles Electronics
SP0103NC3-2 KNOWLES-SP0103NC3-2 Datasheet
328Kb / 5P
SP0103 Series with Integrated Amplifier
logo
Cooper Bussmann, Inc.
ISL29035 COOPER-ISL29035 Datasheet
101Kb / 2P
Integrated Digital Light Sensor with Interrupt
logo
ATMEL Corporation
AT30TSE002A ATMEL-AT30TSE002A_14 Datasheet
1Mb / 37P
Integrated Temperature Sensor with SEEPROM
logo
Analog Devices
ADA4571 AD-ADA4571 Datasheet
576Kb / 21P
Integrated AMR Angle Sensor and Signal Conditioner
REV. 0
logo
PIC GmbH
MK PIC-MK Datasheet
166Kb / 1P
Reed Sensor with integrated resistor
logo
Analog Devices
ADA4571-2 AD-ADA4571-2 Datasheet
258Kb / 13P
Integrated AMR Angle Sensor and Signal Conditioner
REV. 0
logo
PIC GmbH
MK-XXXX PIC-MK-XXXX Datasheet
166Kb / 1P
Reed Sensor with integrated resistor
logo
ATMEL Corporation
AT30TSE002A ATMEL-AT30TSE002A Datasheet
1Mb / 37P
Integrated Temperature Sensor with SEEPROM
logo
Analog Devices
ADA4570 AD-ADA4570 Datasheet
1Mb / 14P
Integrated AMR Angle Sensor and Signal Conditioner with Differential Outputs
7/2021-Revision 0
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com