Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICX077AL Datasheet (PDF) - Sony Corporation

ICX077AL Datasheet PDF - Sony Corporation
Part # ICX077AL
Download  ICX077AL Download
File Size   249.64 Kbytes
Page   18 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description Diagonal 3.6mm (Type 1/5) CCD Image Sensor for CCIR Black-and-White Video Cameras

ICX077AL Datasheet (PDF)

Go To PDF Page Download Datasheet
ICX077AL Datasheet PDF - Sony Corporation

Part # ICX077AL
Download  ICX077AL Click to download

File Size   249.64 Kbytes
Page   18 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description Diagonal 3.6mm (Type 1/5) CCD Image Sensor for CCIR Black-and-White Video Cameras

ICX077AL Datasheet (HTML) - Sony Corporation


ICX077AL Product details

Description
The ICX077AL is an interline CCD solid-state image sensor suitable for CCIR black-and-white video cameras. High sensitivity and low dark current are achieved through the adoption of HAD (HoleAccumulation Diode) sensors. This chip features a field integration readout system and an electronic shutter with variable charge-storage time.
The package is a 10mm-square 14-pin DIP (Plastic).

Features
• High sensitivity and low dark current
• 6.75MHz horizontal drive frequency employed
• Electronic iris, backlight compensation function (when CXD2409 is used)
• Low smear
• Excellent antiblooming characteristics
• Horizontal register: 5V drive
• Reset gate: 5V drive (no bias adjustment)




Similar Part No. - ICX077AL

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX077AK SONY-ICX077AK Datasheet
259Kb / 19P
Diagonal 3.6mm (Type 1/5) CCD Image Sensor for PAL Color Video Cameras
More results


Similar Description - ICX077AL

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX039DLA SONY-ICX039DLA Datasheet
218Kb / 20P
Diagonal 8mm (Type 1/2) CCD Image Sensor for CCIR Black-and-White Video Cameras
ICX039DLB SONY-ICX039DLB Datasheet
202Kb / 19P
Diagonal 8mm (Type 1/2) CCD Image Sensor for CCIR Black-and-White Video Cameras
ICX059CL SONY-ICX059CL Datasheet
204Kb / 18P
Diagonal 6mm (Type 1/3) CCD Image Sensor for CCIR Black-and-White Video Camera
ICX076AK SONY-ICX076AK Datasheet
259Kb / 19P
Diagonal 3.6mm (Type 1/5) CCD Image Sensor for NTSC Color Video Cameras
ICX076AL SONY-ICX076AL Datasheet
250Kb / 18P
Diagonal 3.6mm (Type 1/5) CCD Image Sensor for EIA Black-and-White Video Cameras
ICX077AK SONY-ICX077AK Datasheet
259Kb / 19P
Diagonal 3.6mm (Type 1/5) CCD Image Sensor for PAL Color Video Cameras
ICX083AL SONY-ICX083AL Datasheet
233Kb / 16P
Diagonal 11mm (Type 2/3) CCD Image Sensor for CCIR Black-and-White Video Cameras
ICX207AL SONY-ICX207AL Datasheet
218Kb / 17P
Diagonal 4.5mm (Type 1/4) CCD Image Sensor for CCIR B/W Video Cameras
ICX249AL SONY-ICX249AL Datasheet
221Kb / 20P
Diagonal 8mm (Type 1/2) CCD Image Sensor for CCIR Black-and-White Video Cameras
ICX429ALB SONY-ICX429ALB Datasheet
226Kb / 20P
Diagonal 8mm (Type 1/2) CCD Image Sensor for CCIR B/W Video Cameras
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com