Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICX205AL Datasheet (PDF) - Sony Corporation

ICX205AL Datasheet PDF - Sony Corporation
Part # ICX205AL
Download  ICX205AL Download
File Size   298.0 Kbytes
Page   22 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description Diagonal 8mm (Type 1/2) Progressive Scan CCD Image Sensor with Square Pixel for B/W Cameras

ICX205AL Datasheet (PDF)

Go To PDF Page Download Datasheet
ICX205AL Datasheet PDF - Sony Corporation

Part # ICX205AL
Download  ICX205AL Click to download

File Size   298.0 Kbytes
Page   22 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description Diagonal 8mm (Type 1/2) Progressive Scan CCD Image Sensor with Square Pixel for B/W Cameras

ICX205AL Datasheet (HTML) - Sony Corporation


ICX205AL Product details

Description
The ICX205AL is a diagonal 8mm (Type 1/2) interline CCD solid-state image sensor with a square
pixel array and 1.45M effective pixels. Progressive scan allows all pixels signals to be output
independently within approximately 1/7.5 second. Also, the adoption of high frame rate readout mode supports 30 frames per second. This chip features an electronic shutter with variable charge-storage time which makes it possible to realize full-frame still image without a mechanical shutter. High sensitivity and low dark current are achieved through the adoption of HAD (Hole-Accumulation Diode) sensors.

Features
• Progressive scan allows individual readout of the image signals from all pixels.
• High horizontal and vertical resolution (both approx. 1024TV-lines) still image without a mechanical shutter.
• Supports high frame rate readout mode (effective 256 lines output, 30 frame/s)
• Square pixel
• Horizontal drive frequency: 14.318MHz
• No voltage adjustments(reset gate and substrate bias are not adjusted.)
• High resolution, high sensitivity, low dark current
• Low smear, excellent antiblooming characteristics
• Continuous variable-speed shutter




Similar Part No. - ICX205AL

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX205AK SONY-ICX205AK Datasheet
304Kb / 23P
Diagonal 6mm (Type 1/3) Progressive Scan CCD Image Sensor with Square Pixel for B/W Cameras
More results


Similar Description - ICX205AL

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX074AK SONY-ICX074AK Datasheet
243Kb / 21P
Diagonal 8mm (Type 1/2) Progressive Scan CCD Image Sensor with Square Pixel for Color Video Cameras
ICX074AL SONY-ICX074AL Datasheet
236Kb / 21P
Diagonal 8mm (Type 1/2) Progressive Scan CCD Image Sensor with Square Pixel for EIA B/W Video Cameras
ICX075AK SONY-ICX075AK Datasheet
278Kb / 21P
Diagonal 8mm (Type 1/2) Progressive Scan CCD Image Sensor with Square Pixel for Color Video Cameras
ICX075AL SONY-ICX075AL Datasheet
273Kb / 21P
Diagonal 8mm (Type 1/2) Progressive Scan CCD Image Sensor with Square Pixel for CCIR B/W Video Cameras
ICX084AL SONY-ICX084AL Datasheet
189Kb / 17P
Diagonal 6mm (Type 1/3) Progressive Scan CCD Image Sensor with Square Pixel for B/W Cameras
ICX098BL SONY-ICX098BL Datasheet
321Kb / 21P
Diagonal 4.5mm (Type 1/4) Progressive Scan CCD Image Sensor with Square Pixel for B/W Cameras
ICX267AK SONY-ICX267AK Datasheet
351Kb / 29P
Diagonal 8mm (Type 1/2) Progressive Scan CCD Image Sensor with Square Pixel for Color Cameras
ICX415AQ SONY-ICX415AQ Datasheet
261Kb / 28P
Diagonal 8mm (Type 1/2) Progressive Scan CCD Image Sensor with Square Pixel for Color Cameras
ICX414AQ SONY-ICX414AQ Datasheet
281Kb / 29P
Diagonal 8mm (Type 1/2) Progressive Scan CCD Image Sensor with Square Pixel for Color Cameras
ICX415AL SONY-ICX415AL Datasheet
282Kb / 30P
Diagonal 8mm (Type 1/2) Progressive Scan CCD Solid-state Image Sensor with Square Pixel for CCIR B/W Cameras
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com