Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICX059CL Datasheet (PDF) - Sony Corporation

ICX059CL Datasheet PDF - Sony Corporation
Part # ICX059CL
Download  ICX059CL Download
File Size   189.67 Kbytes
Page   17 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description Diagonal 6mm (Type 1/3) CCD Image Sensor for CCIR B/W Video Cameras

ICX059CL Datasheet (PDF)

Go To PDF Page Download Datasheet
ICX059CL Datasheet PDF - Sony Corporation

Part # ICX059CL
Download  ICX059CL Click to download

File Size   189.67 Kbytes
Page   17 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description Diagonal 6mm (Type 1/3) CCD Image Sensor for CCIR B/W Video Cameras

ICX059CL Datasheet (HTML) - Sony Corporation


ICX059CL Product details

Description
The ICX259AL is an interline CCD solid-state image sensor suitable for CCIR B/W video cameras with a diagonal 6mm (Type 1/3) system. Compared with the current product ICX059CL, basic characteristics such as sensitivity, smear, dynamic range and S/N are improved drastically from visible light region to near infrared light region through the adoption of EXview HAD CCDTM technology.
This chip features a field period readout system and an electronic shutter with variable charge-storage time.

Features
• Sensitivity in near infrared light region (+8dB compared with the ICX059CL, λ = 945nm)
• High sensitivity (+7dB compared with the ICX059CL, no IR cut filter)
• Low smear (–20dB compared with the ICX059CL)
• High D range (+5dB compared with the ICX059CL)
• High S/N
• High resolution and low dark current
• Excellent antiblooming characteristics
• Continuous variable-speed shutter
• No voltage adjustment (Reset gate and substrate bias are not adjusted.)
• Reset gate: 5V drive
• Horizontal register: 5V drive




Similar Part No. - ICX059CL

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX059CL SONY-ICX059CL Datasheet
204Kb / 18P
Diagonal 6mm (Type 1/3) CCD Image Sensor for CCIR Black-and-White Video Camera
More results


Similar Description - ICX059CL

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX054BL SONY-ICX054BL Datasheet
198Kb / 18P
Diagonal 6mm (Type 1/3) CCD Image Sensor for EIA B/W Video Cameras
ICX055BL SONY-ICX055BL Datasheet
200Kb / 18P
Diagonal 6mm (Type 1/3) CCD Image Sensor for CCIR B/W Video Cameras
ICX059ALB SONY-ICX059ALB Datasheet
438Kb / 17P
Diagonal 6mm (Type 1/3) CCD Image Sensor for CCIR B/W Cameras?
ICX254AL SONY-ICX254AL Datasheet
185Kb / 17P
Diagonal 6mm (Type 1/3) CCD Image Sensor for EIA B/W Video Cameras
ICX255AL SONY-ICX255AL Datasheet
187Kb / 17P
Diagonal 6mm (Type 1/3) CCD Image Sensor for CCIR B/W Video Cameras
ICX258AL SONY-ICX258AL Datasheet
187Kb / 17P
Diagonal 6mm (Type 1/3) CCD Image Sensor for EIA B/W Video Cameras
ICX408AL SONY-ICX408AL Datasheet
193Kb / 17P
Diagonal 6mm (Type 1/3) CCD Image Sensor for EIA B/W Video Cameras
ICX409AL SONY-ICX409AL Datasheet
172Kb / 17P
Diagonal 6mm (Type 1/3) CCD Image Sensor for CCIR B/W Video Cameras
ICX404AL SONY-ICX404AL Datasheet
190Kb / 17P
Diagonal 6mm (Type 1/3) CCD Image Sensor for EIA B/W Video Cameras
ICX405AL SONY-ICX405AL Datasheet
174Kb / 17P
Diagonal 6mm (Type 1/3) CCD Image Sensor for CCIR B/W Video Cameras
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com