Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MHW6272 Datasheet (PDF) - Motorola, Inc

MHW6272 Datasheet PDF - Motorola, Inc
Part # MHW6272
Download  MHW6272 Download
File Size   60.0 Kbytes
Page   2 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 77-Channel(550 MHz) CATV Line Extender Amplifier

MHW6272 Datasheet (PDF)

Go To PDF Page Download Datasheet
MHW6272 Datasheet PDF - Motorola, Inc

Part # MHW6272
Download  MHW6272 Click to download

File Size   60.0 Kbytes
Page   2 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 77-Channel(550 MHz) CATV Line Extender Amplifier

MHW6272 Datasheet (HTML) - Motorola, Inc


MHW6272 Product details

The RF Line
77-Channel(550 MHz) CATV Line Extender Amplifier

• Specified for 60– and 77–Channel Performance
• Broadband Power Gain - @ f = 40–550 MHz
   Gp = 27 dB (Typ)
• Broadband Noise Figure
   NF = 6 dB (Typ) @ 550 MHz
• Superior Gain, Return Loss and DC Current Stability with Temperature
• All Gold Metallization
• 7 GHz fT Ion–Implanted Transistors




Similar Part No. - MHW6272

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MHW6205-6A MOTOROLA-MHW6205-6A Datasheet
73Kb / 2P
High Ouput Doubler 600 MHz CATV Amplifier
MHW6222 MOTOROLA-MHW6222 Datasheet
55Kb / 2P
550 MHz CATV Amplifier
More results


Similar Description - MHW6272

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MHW5185B MOTOROLA-MHW5185B Datasheet
55Kb / 4P
High Ouput Doubler 450/550 MHz CATV Amplifier Modules
MHW6142 MOTOROLA-MHW6142 Datasheet
57Kb / 2P
550 MHz CATV Amplifier
MHW6172 MOTOROLA-MHW6172 Datasheet
61Kb / 2P
77-Channel(550 MHz) CATV Input/Output Trunk Amplifier
MHW6182 MOTOROLA-MHW6182 Datasheet
56Kb / 2P
550 MHz CATV Amplifier
MHW6222 MOTOROLA-MHW6222 Datasheet
55Kb / 2P
550 MHz CATV Amplifier
MHW6342 MOTOROLA-MHW6342 Datasheet
60Kb / 2P
77-Channel(550 MHz) CATV Amplifier
logo
Tyco Electronics
PAW587 MACOM-PAW587 Datasheet
27Kb / 1P
40-550 MHz. 21 dB. CATV Ultra-linear Amplifier
PAW588 MACOM-PAW588 Datasheet
52Kb / 1P
40-550 MHz. 34 dB. CATV Ultra-linear Amplifier
PAW1027 MACOM-PAW1027 Datasheet
36Kb / 1P
35 - 550 MHz CATV ULTRA - LINEAR AMPLIFIER
logo
Motorola, Inc
MHW9242A MOTOROLA-MHW9242A Datasheet
113Kb / 4P
The RF Line 152-Channel(1000Mhz) CATV Line Extender Amplifier
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com