Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICX412AQF Datasheet (PDF) - Sony Corporation

ICX412AQF Datasheet PDF - Sony Corporation
Part # ICX412AQF
Download  ICX412AQF Download
File Size   347.52 Kbytes
Page   30 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description Diagonal 8.933mm (Type 1/1.8) Frame Readout CCD Image Sensor with a Square Pixel for Color Cameras

ICX412AQF Datasheet (PDF)

Go To PDF Page Download Datasheet
ICX412AQF Datasheet PDF - Sony Corporation

Part # ICX412AQF
Download  ICX412AQF Click to download

File Size   347.52 Kbytes
Page   30 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description Diagonal 8.933mm (Type 1/1.8) Frame Readout CCD Image Sensor with a Square Pixel for Color Cameras

ICX412AQF Datasheet (HTML) - Sony Corporation


ICX412AQF Product details

Description
The ICX412AQF is a diagonal 8.933mm (Type 1/1.8) interline CCD solid-state image sensor with a square pixel array and 3.24M effective pixels. Sensitivity, saturation signal, smear and frame rate have been improved compared to the ICX252AQF.
This chip features an electronic shutter with variable charge-storage time.
R, G, B primary color mosaic filters are used as the color filters, and at the same time high sensitivity and low dark current are achieved through the adoption of Super HAD CCD technology.
This chip is suitable for applications such as electronic still cameras, etc.

Features
• Supports frame readout
• High horizontal and vertical resolution
• Supports high frame rate readout mode: 30 frames/s,
    AF1 mode: 60 frames/s, 50 frames/s,
    AF2 mode: 120 frames/s, 100 frames/s
• Square pixel
• Horizontal drive frequency: 22.5MHz
• No voltage adjustments (reset gate and substrate bias are not adjusted.)
• R, G, B primary color mosaic filters on chip
• High sensitivity, low dark current
• Continuous variable-speed shutter
• Excellent anti-blooming characteristics
• Exit pupil distance recommended range –20 to –100mm
• 20-pin high-precision plastic package




Similar Part No. - ICX412AQF

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX412 SONY-ICX412 Datasheet
383Kb / 46P
Timing Generator and Signal Processor for Frame Readout CCD Image Sensor
ICX412 SONY-ICX412 Datasheet
330Kb / 35P
Timing Generator for Frame Readout CCD Image Sensor
More results


Similar Description - ICX412AQF

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX252AK SONY-ICX252AK Datasheet
428Kb / 30P
Diagonal 8.933mm (Type 1/1.8) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras
ICX252AKF SONY-ICX252AKF Datasheet
482Kb / 30P
Diagonal 8.933mm (Type 1/1.8) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras
ICX252AQ SONY-ICX252AQ Datasheet
427Kb / 30P
Diagonal 8.933mm (Type 1/1.8) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras
ICX252AQF SONY-ICX252AQF Datasheet
431Kb / 30P
Diagonal 8.933mm (Type 1/1.8) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras
ICX262AQ SONY-ICX262AQ Datasheet
424Kb / 30P
Diagonal 8.933mm (Type 1/1.8) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras
ICX262AQF SONY-ICX262AQF Datasheet
427Kb / 30P
Diagonal 8.933mm (Type 1/1.8) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras
ICX406AQF SONY-ICX406AQF Datasheet
349Kb / 33P
Diagonal 8.98mm (Type 1/1.8) Frame Readout CCD Image Sensor with a Square Pixel for Color Cameras
ICX432DQ SONY-ICX432DQ Datasheet
299Kb / 30P
Diagonal 6.67mm (Type 1/2.7) Frame Readout CCD Image Sensor with a Square Pixel for Color Cameras
ICX432DQF SONY-ICX432DQF Datasheet
301Kb / 30P
Diagonal 6.67mm (Type 1/2.7) Frame Readout CCD Image Sensor with a Square Pixel for Color Cameras
ICX413AQ SONY-ICX413AQ Datasheet
187Kb / 18P
Diagonal 28.40mm (Type 1.8) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com