Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ENA2113 Datasheet (PDF) - Sanyo Semicon Device

ENA2113 Datasheet PDF - Sanyo Semicon Device
Part # ENA2113
Download  ENA2113 Download
File Size   133.02 Kbytes
Page   22 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Thick-Film Hybrid IC 2-phase Stepping Motor Driver

ENA2113 Datasheet (PDF)

Go To PDF Page Download Datasheet
ENA2113 Datasheet PDF - Sanyo Semicon Device

Part # ENA2113
Download  ENA2113 Click to download

File Size   133.02 Kbytes
Page   22 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Thick-Film Hybrid IC 2-phase Stepping Motor Driver

ENA2113 Datasheet (HTML) - Sanyo Semicon Device


ENA2113 Product details

Overview
The STK672-543-E is a hybrid IC for use as a unipolar, 2-phase stepping motor driver with PWM current control.

Features
• The motor speed can be controlled by the frequency of an external clock signal.
• 2-phase excitation or 1-2 phase excitation is selected according to switching the state of the MODE pin (low or high).
• The phase is maintained even if the excitation mode is switched in the middle of operation.
• The direction of rotation can be changed by applying a high or low signal to the CWB pin used to select the direction of rotation.
• Supports schmitt input for 2.5V high level input.
• Incorporating a current detection resistor (0.11Ω: resistor tolerance ±2%), motor current can be set using two external resistors.
• Equipped with an ENABLE pin that, during clock input, allows motor output to be cut-off and resumed later while maintaining the same excitation timing.

Applications
• Office photocopiers, printers, etc.




Similar Part No. - ENA2113

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
ENA2110 SANYO-ENA2110 Datasheet
132Kb / 22P
Thick-Film Hybrid IC 2-phase Stepping Motor Driver
ENA2111 SANYO-ENA2111 Datasheet
147Kb / 23P
Thick-Film Hybrid IC 2-phase Stepping Motor Driver
ENA2112 SANYO-ENA2112 Datasheet
132Kb / 22P
Thick-Film Hybrid IC 2-phase Stepping Motor Driver
ENA2114 SANYO-ENA2114 Datasheet
246Kb / 26P
Thick-Film Hybrid IC 2-phase Stepping Motor Driver
ENA2115 SANYO-ENA2115 Datasheet
246Kb / 26P
Thick-Film Hybrid IC 2-phase Stepping Motor Driver
More results


Similar Description - ENA2113

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK672-630A-E SANYO-STK672-630A-E Datasheet
149Kb / 21P
Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-730A-E SANYO-STK672-730A-E Datasheet
141Kb / 19P
Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-432A-E SANYO-STK672-432A-E Datasheet
135Kb / 21P
Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-400C-E SANYO-STK672-400C-E Datasheet
137Kb / 19P
Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-440B-E SANYO-STK672-440B-E Datasheet
252Kb / 26P
Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-442B-E SANYO-STK672-442B-E Datasheet
253Kb / 26P
Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-540 SANYO-STK672-540 Datasheet
157Kb / 22P
Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-610 SANYO-STK672-610 Datasheet
158Kb / 19P
Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-630C-E SANYO-STK672-630C-E Datasheet
246Kb / 26P
Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-640C-E SANYO-STK672-640C-E Datasheet
248Kb / 27P
Thick-Film Hybrid IC 2-phase Stepping Motor Driver
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com