Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT8293A Datasheet (PDF) - Richtek Technology Corporation

RT8293A Datasheet PDF - Richtek Technology Corporation
Part # RT8293A
Download  RT8293A Download
File Size   275.13 Kbytes
Page   15 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 3A, 23V, 340kHz Synchronous Step-Down Converter

RT8293A Datasheet (PDF)

Go To PDF Page Download Datasheet
RT8293A Datasheet PDF - Richtek Technology Corporation

Part # RT8293A
Download  RT8293A Click to download

File Size   275.13 Kbytes
Page   15 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 3A, 23V, 340kHz Synchronous Step-Down Converter

RT8293A Datasheet (HTML) - Richtek Technology Corporation


RT8293A Product details

General Description
The RT8293A is a high efficiency, monolithic synchronous step-down DC/DC converter that can deliver up to 3A output current from a 4.5V to 23V input supply. The RT8293As current mode architecture and external compensation allow the transient response to be optimized over a wide range of loads and output capacitors.

Features
● ±1.5% High Accuracy Feedback Voltage
● 4.5V to 23V Input Voltage Range
● 3A Output Current
● Integrated N-MOSFET Switches
● Current Mode Control
● Fixed Frequency Operation : 340kHz
● Output Adjustable from 0.8V to 20V
● Up to 95% Efficiency
● Programmable Soft-Start
● Stable with Low-ESR Ceramic Output Capacitors
● Cycle-by-Cycle Over Current Protection
● Input Under Voltage Lockout
● Output Under Voltage Protection
● Thermal Shutdown Protection
● RoHS Compliant and Halogen Free

Applications
● Wireless AP/Router
● Set-Top-Box
● Industrial and Commercial Low Power Systems
● LCD Monitors and TVs
● Green Electronics/Appliances
● Point of Load Regulation of High-Performance DSPs




Similar Part No. - RT8293A

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8293AHZSP RICHTEK-RT8293AHZSP Datasheet
565Kb / 11P
Evaluation Board
More results


Similar Description - RT8293A

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV1570DN-00A MPS-EV1570DN-00A Datasheet
265Kb / 5P
3A, 23V, 340KHz Synchronous Step-Down Converter
EV2307DN-00A MPS-EV2307DN-00A Datasheet
222Kb / 4P
3A, 23V, 340KHz Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT8283A RICHTEK-RT8283A Datasheet
200Kb / 15P
3A, 23V, 340kHz Synchronous Step-Down Converter
RT8253A RICHTEK-RT8253A Datasheet
227Kb / 15P
3A, 23V, 340kHz Synchronous Step-Down Converter
RT8290 RICHTEK-RT8290 Datasheet
210Kb / 12P
3A, 23V, 340kHz Synchronous Step-Down Converter
RT8296A RICHTEK-RT8296A Datasheet
290Kb / 14P
3A, 23V, 340kHz Synchronous Step-Down Converter
RT8250 RICHTEK-RT8250 Datasheet
207Kb / 12P
3A, 23V, 340kHz Synchronous Step-Down Converter
RT8250GSP RICHTEK-RT8250GSP Datasheet
207Kb / 12P
3A, 23V, 340kHz Synchronous Step-Down Converter
logo
Unisonic Technologies
P1484 UTC-P1484 Datasheet
237Kb / 6P
3A, 23V, 340KHZ SYNCHRONOUS RECTIFIED STEP-DOWN CONVERTER
logo
Feeling Technology Corp...
FP6193 FEELING-FP6193 Datasheet
615Kb / 11P
3A, 23V, 340KHz Synchronous Step-Down Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com