Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT8296B Datasheet (PDF) - Richtek Technology Corporation

RT8296B Datasheet PDF - Richtek Technology Corporation
Part # RT8296B
Download  RT8296B Download
File Size   290.94 Kbytes
Page   15 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 3A, 23V, 1.2MHz Synchronous Step-Down Converter

RT8296B Datasheet (PDF)

Go To PDF Page Download Datasheet
RT8296B Datasheet PDF - Richtek Technology Corporation

Part # RT8296B
Download  RT8296B Click to download

File Size   290.94 Kbytes
Page   15 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 3A, 23V, 1.2MHz Synchronous Step-Down Converter

RT8296B Datasheet (HTML) - Richtek Technology Corporation


RT8296B Product details

General Description
The RT8296B is a high-efficiency, monolithic synchronous step-down DC/DC converter that can deliver up to 3A output current from a 4.5V to 23V input supply. The RT8296Bs current mode architecture and external compensation allow the transient response to be optimized over a wide range of loads and output capacitors.

Features
● ±1.5% High Accuracy Feedback Voltage
● 4.5V to 23V Input Voltage Range
● 3A Output Current
● Integrated N-MOSFET Switches
● Current Mode Control
● Fixed Frequency Operation : 1.2MHz
● Adjustable Output from 0.8V to 15V
● Up to 95% Efficiency
● Programmable Soft-Start
● Stable with Low-ESR Ceramic Output Capacitors
● Cycle-by-Cycle Over Current Protection
● Input Under Voltage Lockout
● Output Under Voltage Protection
● Thermal Shutdown Protection
● RoHS Compliant and Halogen Free

Applications
● External Storage Device
● Wireless AP/Router
● Set-Top-Box
● Industrial and Commercial Low Power Systems
● LCD Monitors and TVs
● Green Electronics/Appliances
● Point of Load Regulation of High-Performance DSPs




Similar Part No. - RT8296B

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8296A RICHTEK-RT8296A Datasheet
290Kb / 14P
3A, 23V, 340kHz Synchronous Step-Down Converter
RT8296AHZSP RICHTEK-RT8296AHZSP Datasheet
566Kb / 11P
Evaluation Board
More results


Similar Description - RT8296B

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8282B RICHTEK-RT8282B Datasheet
204Kb / 14P
2A, 23V, 1.2MHz Synchronous Step-Down Converter
RT8283B RICHTEK-RT8283B Datasheet
205Kb / 14P
3A, 23V, 1.2MHz Synchronous Step-Down Converter
RT8253B RICHTEK-RT8253B Datasheet
205Kb / 15P
3A, 23V, 1.2MHz Synchronous Step-Down Converter
RT8290 RICHTEK-RT8290 Datasheet
210Kb / 12P
3A, 23V, 340kHz Synchronous Step-Down Converter
RT8292B RICHTEK-RT8292B Datasheet
298Kb / 14P
2A, 23V, 1.2MHz Synchronous Step-Down Converter
RT8293B RICHTEK-RT8293B Datasheet
289Kb / 14P
3A, 23V, 1.2MHz Synchronous Step-Down Converter
RT8295B RICHTEK-RT8295B Datasheet
290Kb / 14P
2A, 23V, 1.2MHz Synchronous Step-Down Converter
RT8252B RICHTEK-RT8252B Datasheet
199Kb / 14P
2A, 23V, 1.2MHz Synchronous Step-Down Converter
logo
Analog Intergrations Co...
AIC2858F AIC-AIC2858F Datasheet
510Kb / 11P
3A 23V Synchronous Step-Down Converter
logo
Feeling Technology Corp...
FP6193 FEELING-FP6193 Datasheet
615Kb / 11P
3A, 23V, 340KHz Synchronous Step-Down Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com