Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCX016 Datasheet (PDF) - Sony Corporation

LCX016 Datasheet PDF - Sony Corporation
Part # LCX016
Download  LCX016 Download
File Size   486.09 Kbytes
Page   24 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description 3.3cm (1.3-inch) Black-and-White LCD Panel

LCX016 Datasheet (PDF)

Go To PDF Page Download Datasheet
LCX016 Datasheet PDF - Sony Corporation

Part # LCX016
Download  LCX016 Click to download

File Size   486.09 Kbytes
Page   24 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description 3.3cm (1.3-inch) Black-and-White LCD Panel

LCX016 Datasheet (HTML) - Sony Corporation


LCX016 Product details

Description
The LCX016AL is a 3.3cm diagonal active matrix TFT-LCD panel addressed by polycrystalline silicon super thin film transistors with a built-in peripheral driving circuit. Use of three LCX016AL panels provides a full-color representation. The striped arrangement suitable for data projectors is capable of displaying fine text and vertical lines.

Features
• Number of active dots: 519,000 (1.3-inch, 3.3cm in diagonal)
• Accepts the computer requirements of Macintosh17 (832 × 624), SVGA (800 × 600), VGA (640 × 480) and PC98 (640 × 400) platforms
• Supports NTSC (640 × 480) and PAL (762 × 572) by processing the video signal at double speed
• High optical transmittance: 20% (typ.)
• Built-in cross talk free circuit
• High contrast ratio with normally white mode: 200 (typ.)
• Built-in H and V drivers (built-in input level conversion circuit, 5V driving possible)
• Up/down and/or right/left inverse display function

Applications
• Liquid crystal data projectors
• Liquid crystal projectors, etc.




Similar Part No. - LCX016

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
LCX016 SONY-LCX016 Datasheet
419Kb / 22P
3.3cm (1.3-inch) Black-and-White LCD Panel
LCX016AM SONY-LCX016AM Datasheet
419Kb / 22P
3.3cm (1.3-inch) Black-and-White LCD Panel
More results


Similar Description - LCX016

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
LCX007BNB SONY-LCX007BNB Datasheet
661Kb / 24P
3.4cm (1.35-inch) Black-and-White LCD Panel
LCX007CN SONY-LCX007CN Datasheet
611Kb / 24P
3.4cm (1.35-inch) Black-and-White LCD Panel
LCX012BL SONY-LCX012BL Datasheet
381Kb / 21P
3.3cm (1.3-inch) Black-and-White LCD Panel
LCX016AM SONY-LCX016AM Datasheet
419Kb / 22P
3.3cm (1.3-inch) Black-and-White LCD Panel
LCX023CMT SONY-LCX023CMT Datasheet
359Kb / 26P
3.3cm (1.3-inch) Black-and-White LCD Panel
LCX026ALF SONY-LCX026ALF Datasheet
346Kb / 24P
2.3cm (0.9-inch) Black-and-White LCD Panel
LCX026ALG SONY-LCX026ALG Datasheet
346Kb / 24P
2.3cm (0.9-inch) Black-and-White LCD Panel
LCX028ALT SONY-LCX028ALT Datasheet
365Kb / 25P
4.6cm (1.8-inch) Black-and-White LCD Panel
LCX028AMT SONY-LCX028AMT Datasheet
365Kb / 25P
4.6cm (1.8-inch) Black-and-White LCD Panel
LCX028BMT SONY-LCX028BMT Datasheet
328Kb / 26P
4.6cm (1.8-inch) Black-and-White LCD Panel
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com