Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR1167ASPBF Datasheet (PDF) - International Rectifier

IR1167ASPBF Datasheet PDF - International Rectifier
Part # IR1167ASPBF
Download  IR1167ASPBF Download
File Size   350.49 Kbytes
Page   16 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description SmartRectifierTM CONTROL IC

IR1167ASPBF Datasheet (PDF)

Go To PDF Page Download Datasheet
IR1167ASPBF Datasheet PDF - International Rectifier

Part # IR1167ASPBF
Download  IR1167ASPBF Click to download

File Size   350.49 Kbytes
Page   16 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description SmartRectifierTM CONTROL IC

IR1167ASPBF Datasheet (HTML) - International Rectifier


IR1167ASPBF Product details

Description
IR1167S is a smart secondary side driver IC designed to drive N-Channel power MOSFETs used as synchronous rectifiers in isolated Flyback converters.
The IC can control one or more paralleled N-MOSFETs to emulate the behavior of Schottky diode rectifiers. The drain to source voltage is sensed differentially to determine the polarity of the current and turn the power switch on and off in proximity of the zero current transition.
Ruggedness and noise immunity are accomplished using an advanced blanking scheme and double-pulse suppression which allow reliable operation in continuous, discontinuous and critical current mode operation and both fixed and variable frequency modes.

Features
• Secondary side high speed SR controller
• DCM, CrCM and CCM flyback topologies
• 200V proprietary IC technology
• Max 500KHz switching frequency
• Anti-bounce logic and UVLO protection
• 7A peak turn off drive current
• Micropower start-up & ultra low quiescent current
• 10.7/14.5V gate drive clamp
• 50ns turn-off propagation delay
• Vcc range from 11.3V to 20V
• Direct sensing of MOSFET drain voltage
• Minimal component count
• Simple design
• Lead-free
• Compatible with 1W Standby, Energy Star, CECP, etc.




Similar Part No. - IR1167ASPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR1167ASPBF IRF-IR1167ASPBF Datasheet
308Kb / 15P
SmartRectifier CONTROL IC
More results


Similar Description - IR1167ASPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2156 IRF-IR2156 Datasheet
497Kb / 24P
BALLAST CONTROL IC
logo
List of Unclassifed Man...
TDA4290-2 ETC-TDA4290-2 Datasheet
231Kb / 8P
TONE CONTROL IC
logo
Fairchild Semiconductor
FAN7532 FAIRCHILD-FAN7532 Datasheet
252Kb / 16P
Ballast Control IC
logo
International Rectifier
IR1167ASPBF IRF-IR1167ASPBF Datasheet
308Kb / 15P
SmartRectifier CONTROL IC
IR3502 IRF-IR3502 Datasheet
20Kb / 1P
XPHASE3TM CONTROL IC
logo
Siemens Semiconductor G...
TCA785 SIEMENS-TCA785_05 Datasheet
466Kb / 16P
Phase Control IC
logo
International Rectifier
IR1166STRPBF IRF-IR1166STRPBF Datasheet
512Kb / 16P
SmartRectifierTM CONTROL IC
IR1167ASTRPBF IRF-IR1167ASTRPBF Datasheet
1Mb / 25P
SMARTRECTIFIERTM CONTROL IC
logo
Rohm
BM1P067FJ ROHM-BM1P067FJ Datasheet
1Mb / 30P
PWM Control IC
logo
Shindengen Electric Mfg...
MS1003SH SHINDENGEN-MS1003SH Datasheet
1Mb / 41P
Control IC
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com