Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MHW7205C Datasheet (PDF) - Motorola, Inc

MHW7205C Datasheet PDF - Motorola, Inc
Part # MHW7205C
Download  MHW7205C Download
File Size   54.13 Kbytes
Page   2 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description High Ouput Power Doubler 750 MHz CATV Amplifier

MHW7205C Datasheet (PDF)

Go To PDF Page Download Datasheet
MHW7205C Datasheet PDF - Motorola, Inc

Part # MHW7205C
Download  MHW7205C Click to download

File Size   54.13 Kbytes
Page   2 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description High Ouput Power Doubler 750 MHz CATV Amplifier

MHW7205C Datasheet (HTML) - Motorola, Inc


MHW7205C Product details

High Ouput Power Doubler 750 MHz CATV Amplifier

• Specified for 77 and 110–Channel Performance
• Broadband Power Gain - @ f = 40–750 MHz Gp = 20.2 dB (Typ)
• Broadband Noise Figure NF = 6.2 dB (Typ) @ 750 MHz
• All Gold Metallization
• 7 GHz fT Ion–Implanted Transistors
• Composite Triple Beat - @ 110–Channel Loading CTB = –63 dB (Typ)




Similar Part No. - MHW7205C

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MHW7205CLN FREESCALE-MHW7205CLN Datasheet
71Kb / 4P
CATV Amplifier Module
More results


Similar Description - MHW7205C

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MHW5185B MOTOROLA-MHW5185B Datasheet
55Kb / 4P
High Ouput Doubler 450/550 MHz CATV Amplifier Modules
MHW6185-6A MOTOROLA-MHW6185-6A Datasheet
74Kb / 2P
High Ouput Doubler 600 MHz CATV Amplifier Modules
MHW6205-6A MOTOROLA-MHW6205-6A Datasheet
73Kb / 2P
High Ouput Doubler 600 MHz CATV Amplifier
MHW7185A MOTOROLA-MHW7185A Datasheet
62Kb / 2P
High Ouput Power Doubler 750 MHz CATV Amplifier
MHW7185C MOTOROLA-MHW7185C Datasheet
54Kb / 2P
High Ouput Power Doubler 750 MHz CATV Amplifier
MHW7185CR MOTOROLA-MHW7185CR Datasheet
54Kb / 2P
High Ouput Mirror Power Doubler 750 MHz CATV Amplifier
logo
ANADIGICS, Inc
ACA2401 ANADIGICS-ACA2401 Datasheet
242Kb / 16P
750/870 MHz CATV Power Doubler Line Amplifier
Rev 2.0
ACA2407E ANADIGICS-ACA2407E Datasheet
194Kb / 12P
750/870 MHz CATV Power Doubler Line Amplifier
Rev 2.1
ACA2407E ANADIGICS-ACA2407E_12 Datasheet
346Kb / 11P
750/870 MHz CATV Power Doubler Line Amplifier
logo
Skyworks Solutions Inc.
ACA2407E SKYWORKS-ACA2407E Datasheet
561Kb / 12P
750/870 MHz CATV Power Doubler Line Amplifier
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com