Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCX028 Datasheet (PDF) - Sony Corporation

LCX028 Datasheet PDF - Sony Corporation
Part # LCX028
Download  LCX028 Download
File Size   365.89 Kbytes
Page   25 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description 4.6cm (1.8-inch) Black-and-White LCD Panel

LCX028 Datasheet (PDF)

Go To PDF Page Download Datasheet
LCX028 Datasheet PDF - Sony Corporation

Part # LCX028
Download  LCX028 Click to download

File Size   365.89 Kbytes
Page   25 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description 4.6cm (1.8-inch) Black-and-White LCD Panel

LCX028 Datasheet (HTML) - Sony Corporation


LCX028 Product details

Description
The LCX028AMT is a 4.6cm diagonal active matrix TFT-LCD panel addressed by polycrystalline silicon super thin film transistors with a built-in peripheral driving circuit. Use of three LCX028AMT panels provides a full-color representation. The striped arrangement suitable for data projectors is capable of displaying fine text and vertical lines.

Features
• Number of active dots: 1,310,720 (1.8-inch, 4.6cm in diagonal)
• 4:3 and 16:9 aspect-ratio switching function
    4:3 (1280 (H) × 960 (V))
    16:9 (1280 (H) × 720 (V))
• High optical transmittance: 27% (typ.)
• Built-in cross talk free circuit and ghost free circuit
• High contrast ratio with normally white mode: 250 (typ.)
• Built-in H and V drivers (built-in input level conversion circuit, 5V driving possible)
• Up/down and/or right/left inverse display function
• Antidust glass package
• Microlens used

Applications
• Liquid crystal data projectors
• Liquid crystal multimedia projectors
• Liquid crystal rear-projector TVs, etc.




Similar Part No. - LCX028

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
LCX028 SONY-LCX028 Datasheet
365Kb / 25P
4.6cm (1.8-inch) Black-and-White LCD Panel
LCX028ALT SONY-LCX028ALT Datasheet
365Kb / 25P
4.6cm (1.8-inch) Black-and-White LCD Panel
LCX028BMT SONY-LCX028BMT Datasheet
328Kb / 26P
4.6cm (1.8-inch) Black-and-White LCD Panel
More results


Similar Description - LCX028

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
LCX007BNB SONY-LCX007BNB Datasheet
661Kb / 24P
3.4cm (1.35-inch) Black-and-White LCD Panel
LCX007CN SONY-LCX007CN Datasheet
611Kb / 24P
3.4cm (1.35-inch) Black-and-White LCD Panel
LCX016AL SONY-LCX016AL Datasheet
486Kb / 24P
3.3cm (1.3-inch) Black-and-White LCD Panel
LCX016AM SONY-LCX016AM Datasheet
419Kb / 22P
3.3cm (1.3-inch) Black-and-White LCD Panel
LCX017DLT SONY-LCX017DLT Datasheet
311Kb / 26P
4.6cm (1.8 Type) Black-and-White LCD Panel
LCX026ALF SONY-LCX026ALF Datasheet
346Kb / 24P
2.3cm (0.9-inch) Black-and-White LCD Panel
LCX026ALG SONY-LCX026ALG Datasheet
346Kb / 24P
2.3cm (0.9-inch) Black-and-White LCD Panel
LCX028ALT SONY-LCX028ALT Datasheet
365Kb / 25P
4.6cm (1.8-inch) Black-and-White LCD Panel
LCX036AMT SONY-LCX036AMT Datasheet
72Kb / 2P
4.6cm (1.8-type) Black-and-White LCD Panel
LCX028BMT SONY-LCX028BMT Datasheet
328Kb / 26P
4.6cm (1.8-inch) Black-and-White LCD Panel
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com