Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCX033 Datasheet (PDF) - Sony Corporation

LCX033 Datasheet PDF - Sony Corporation
Part # LCX033
Download  LCX033 Download
File Size   260.8 Kbytes
Page   23 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description 1.1cm (0.44 Type) NTSC/PAL Color LCD Panel

LCX033 Datasheet (PDF)

Go To PDF Page Download Datasheet
LCX033 Datasheet PDF - Sony Corporation

Part # LCX033
Download  LCX033 Click to download

File Size   260.8 Kbytes
Page   23 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description 1.1cm (0.44 Type) NTSC/PAL Color LCD Panel

LCX033 Datasheet (HTML) - Sony Corporation


LCX033 Product details

Description
The LCX033AKB is a 1.1cm diagonal active matrix TFT-LCD panel addressed by polycrystalline silicon super thin film transistors with built-in peripheral driving circuit. This panel provides full-color representation in NTSC/PAL mode. RGB dots are arranged in a delta pattern featuring high picture quality of no fixed color patterns, which is inherent in vertical stripes and mosaic pattern arrangements.

Features
• The number of active dots: 180,000 (0.44 Type; 1.115cm in diagonal)
• Horizontal resolution: 400 TV lines
• High optical transmittance: 4.0% (typ.)
• High contrast ratio with normally white mode: 200 (typ.)
• Built-in H and V drivers (built-in input level conversion circuit, TTL drive possible)
• High quality picture representation with RGB delta arranged color filters
• Full-color representation
• NTSC/PAL compatible
• Up/down and/or right/left inverse display function
• 4:3 and 16:9 aspect switching function
• Power save mode (Through current reduction by stop of level shifter and scanner during power supply cutoff)

Applications
• Viewfinders
• Super compact liquid crystal monitors etc.




Similar Part No. - LCX033

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
LCX033 SONY-LCX033 Datasheet
277Kb / 23P
1.1cm (0.44 Type) NTSC/PAL Color LCD Panel
LCX033AK SONY-LCX033AK Datasheet
277Kb / 23P
1.1cm (0.44 Type) NTSC/PAL Color LCD Panel
LCX033ANB SONY-LCX033ANB Datasheet
189Kb / 23P
1.4cm (0.44 Type) NTSC/PAL Color LCD Panel
More results


Similar Description - LCX033

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ACX302AK SONY-ACX302AK Datasheet
365Kb / 24P
8.80cm (3.5 Type) NTSC/PAL Color LCD Panel
ACX306AK SONY-ACX306AK Datasheet
381Kb / 23P
3.86cm (1.5 Type) NTSC/PAL Color LCD Panel
LCX024AK SONY-LCX024AK Datasheet
212Kb / 24P
1.4cm (0.55-inch) NTSC/PAL Color LCD Panel
LCX024AKB SONY-LCX024AKB Datasheet
213Kb / 24P
1.4cm (0.55-inch) NTSC/PAL Color LCD Panel
LCX027AK SONY-LCX027AK Datasheet
202Kb / 23P
1.4cm (0.55-inch) NTSC/PAL Color LCD Panel
LCX032AK SONY-LCX032AK Datasheet
279Kb / 23P
1.4cm (0.44 Type) NTSC/PAL Color LCD Panel
LCX032AKB SONY-LCX032AKB Datasheet
264Kb / 23P
1.4cm (0.44 Type) NTSC/PAL Color LCD Panel
LCX033AK SONY-LCX033AK Datasheet
277Kb / 23P
1.1cm (0.44 Type) NTSC/PAL Color LCD Panel
LCX033ANB SONY-LCX033ANB Datasheet
189Kb / 23P
1.4cm (0.44 Type) NTSC/PAL Color LCD Panel
LCX032ANB SONY-LCX032ANB Datasheet
540Kb / 23P
1.1cm (0.44 Type) NTSC/PAL Color LCD Panel
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com