Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SGM2016 Datasheet (PDF) - Sony Corporation

SGM2016 Datasheet PDF - Sony Corporation
Part # SGM2016
Download  SGM2016 Download
File Size   61.48 Kbytes
Page   5 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description GaAs N-channel Dual-Gate MES FET

SGM2016 Datasheet (PDF)

Go To PDF Page Download Datasheet
SGM2016 Datasheet PDF - Sony Corporation

Part # SGM2016
Download  SGM2016 Click to download

File Size   61.48 Kbytes
Page   5 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description GaAs N-channel Dual-Gate MES FET

SGM2016 Datasheet (HTML) - Sony Corporation


SGM2016 Product details

Description
The SGM2016AM/AP is an N-channel dual-gate GaAs MES FET for UHF-band low-noise amplification. This FET is suitable for a wide range of applications including UHF TV tuners, cellular/cordless phone, and DBS IF amplifiers.

Features
• Low voltage operation
• Low noise NF = 1.2dB (typ.) at 900MHz
• High gain Ga = 21dB (typ.) at 900MHz
• High stability
• Built-in gate protection diode

Application
    UHF-band high-frequency amplifier, mixer, and oscillator




Similar Part No. - SGM2016

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
SGM2016 SONY-SGM2016 Datasheet
56Kb / 5P
GaAs N-channel Dual-Gate MES FET
SGM2016 SONY-SGM2016 Datasheet
112Kb / 4P
GaAs N-channel Dual-Gate MES FET
SGM2016AN SONY-SGM2016AN Datasheet
56Kb / 5P
GaAs N-channel Dual-Gate MES FET
SGM2016M SONY-SGM2016M Datasheet
112Kb / 4P
GaAs N-channel Dual-Gate MES FET
SGM2016P SONY-SGM2016P Datasheet
112Kb / 4P
GaAs N-channel Dual-Gate MES FET
More results


Similar Description - SGM2016

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
CF739 SIEMENS-CF739 Datasheet
138Kb / 7P
GaAs FET (N-channel dual-gate GaAs MES FET)
logo
Sony Corporation
3SK165A SONY-3SK165A Datasheet
59Kb / 5P
GaAs N-channel Dual Gate MES FET
3SK166A SONY-3SK166A Datasheet
72Kb / 5P
GaAs N-channel Dual Gate MES FET
SGM2013N SONY-SGM2013N Datasheet
54Kb / 5P
GaAs N-channel Dual-Gate MES FET
SGM2014AM SONY-SGM2014AM Datasheet
51Kb / 5P
GaAs N-channel Dual Gate MES FET
SGM2014AN SONY-SGM2014AN Datasheet
57Kb / 5P
GaAs N-channel Dual Gate MES FET
SGM2014M SONY-SGM2014M Datasheet
107Kb / 4P
GaAs N-channel Dual Gate MES FET?
SGM2016AN SONY-SGM2016AN Datasheet
56Kb / 5P
GaAs N-channel Dual-Gate MES FET
SGM2016M SONY-SGM2016M Datasheet
112Kb / 4P
GaAs N-channel Dual-Gate MES FET
3SK147 SONY-3SK147 Datasheet
510Kb / 4P
GAAS N-CHANNEL DUAL-GATE MES FET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com