Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLD1121VS Datasheet (PDF) - Sony Corporation

SLD1121VS Datasheet PDF - Sony Corporation
Part # SLD1121VS
Download  SLD1121VS Download
File Size   51.63 Kbytes
Page   6 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description 5mW Visible Laser Diode

SLD1121VS Datasheet (PDF)

Go To PDF Page Download Datasheet
SLD1121VS Datasheet PDF - Sony Corporation

Part # SLD1121VS
Download  SLD1121VS Click to download

File Size   51.63 Kbytes
Page   6 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description 5mW Visible Laser Diode

SLD1121VS Datasheet (HTML) - Sony Corporation


SLD1121VS Product details

Description
The SLD1121VS is a red laser diode designed for bar code readers and measuring instruments. This features a small package and lower power consumption.

Features
• Visible light (670nm typ.)
• Small package (φ5.6mm)
• Low operating current (Iop = 50mA typ.)
• Fundamental transverse mode

Applications
• Bar code readers
• Measuring instruments




Similar Part No. - SLD1121VS

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
SLD1122VS SONY-SLD1122VS Datasheet
56Kb / 6P
5mW Visible Laser Diode
More results


Similar Description - SLD1121VS

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
SLD1122VS SONY-SLD1122VS Datasheet
56Kb / 6P
5mW Visible Laser Diode
logo
Opnext. Inc.
HL6501MG OPNEXT-HL6501MG Datasheet
93Kb / 4P
Visible High Power Laser Diode
logo
List of Unclassifed Man...
ADL-66201TL ETC2-ADL-66201TL Datasheet
409Kb / 2P
Visible Laser Diode
logo
Roithner LaserTechnik G...
QL65J7SA ROITHNER-QL65J7SA Datasheet
181Kb / 3P
Visible Laser Diode
RLT635_100G ROITHNER-RLT635_100G Datasheet
109Kb / 2P
High Power Visible Laser Diode
RLT650_200G ROITHNER-RLT650_200G Datasheet
186Kb / 3P
High Power Visible Laser Diode
RLT6530G ROITHNER-RLT6530G Datasheet
82Kb / 1P
Visible Laser Diode
RLT65300T ROITHNER-RLT65300T Datasheet
128Kb / 3P
High Power Visible Laser Diode
RLT635-100GPD ROITHNER-RLT635-100GPD Datasheet
186Kb / 3P
high power visible laser diode
logo
Renesas Technology Corp
NDL3321ST RENESAS-NDL3321ST Datasheet
187Kb / 10P
VISIBLE LASER DIODE
1996
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com