Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLD1132VS Datasheet (PDF) - Sony Corporation

SLD1132VS Datasheet PDF - Sony Corporation
Part # SLD1132VS
Download  SLD1132VS Download
File Size   86.84 Kbytes
Page   6 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description 635nm Red Laser Diode

SLD1132VS Datasheet (PDF)

Go To PDF Page Download Datasheet
SLD1132VS Datasheet PDF - Sony Corporation

Part # SLD1132VS
Download  SLD1132VS Click to download

File Size   86.84 Kbytes
Page   6 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description 635nm Red Laser Diode

SLD1132VS Datasheet (HTML) - Sony Corporation


SLD1132VS Product details

Description
The SLD1132VS is a red laser diode designed for laser pointers. Its wavelength (635nm typ.) is shortened by 35nm and visibility is increased by approximately 7 times, compared to the conventional visible laser diode (670nm typ.).

Features
• Short wavelength (635nm typ.)
• Small package (φ5.6)
• Fundamental traverse/single longitudinal mode

Applications
    Laser pointers




Similar Part No. - SLD1132VS

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
SLD1131VS SONY-SLD1131VS Datasheet
81Kb / 6P
Index-Guided Red Laser Diode
SLD1133VL SONY-SLD1133VL Datasheet
113Kb / 6P
650nm Index-Guided Red Laser Diode
SLD1133VL-53 SONY-SLD1133VL-53 Datasheet
91Kb / 6P
650nm Index-Guided Red Laser Diode
SLD1133VS SONY-SLD1133VS Datasheet
91Kb / 6P
650nm Index-Guided Red Laser Diode
SLD1134VL SONY-SLD1134VL Datasheet
260Kb / 6P
650nm Pulsation Red Laser Diode
More results


Similar Description - SLD1132VS

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
RLT635_SERIES ROITHNER-RLT635_SERIES Datasheet
195Kb / 4P
635nm High Power Laser Diode
logo
Rohm
RLD63NZC5 ROHM-RLD63NZC5 Datasheet
419Kb / 4P
635nm Pure Red Laser Diode
logo
Roithner LaserTechnik G...
LM-101-C4 ROITHNER-LM-101-C4 Datasheet
112Kb / 2P
635nm Diode Laser Module
LM-103-C004 ROITHNER-LM-103-C004 Datasheet
112Kb / 2P
635nm Diode Laser Module
RLT635 ROITHNER-RLT635 Datasheet
195Kb / 4P
635nm High Power Laser Diode
logo
Rohm
RLD63PZCA ROHM-RLD63PZCA Datasheet
1Mb / 10P
635nm Red Single Mode Laser Diode
RLD63NPC5 ROHM-RLD63NPC5 Datasheet
717Kb / 9P
635nm Red Single Mode Laser Diode
RLD63NPC6 ROHM-RLD63NPC6 Datasheet
1Mb / 9P
635nm Red Single Mode Laser Diode
RLD63NPC7 ROHM-RLD63NPC7 Datasheet
1Mb / 9P
635nm Red Single Mode Laser Diode
RLD63NPC8 ROHM-RLD63NPC8 Datasheet
1Mb / 9P
635nm Red Single Mode Laser Diode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com