Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATSAM3A4CA-CU Datasheet (PDF) - ATMEL Corporation

ATSAM3A4CA-CU Datasheet PDF - ATMEL Corporation
Part # ATSAM3A4CA-CU
Download  ATSAM3A4CA-CU Download
File Size   851.33 Kbytes
Page   71 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description AT91SAM ARM-based Flash MCU

ATSAM3A4CA-CU Datasheet (PDF)

Go To PDF Page Download Datasheet
ATSAM3A4CA-CU Datasheet PDF - ATMEL Corporation

Part # ATSAM3A4CA-CU
Download  ATSAM3A4CA-CU Click to download

File Size   851.33 Kbytes
Page   71 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description AT91SAM ARM-based Flash MCU

ATSAM3A4CA-CU Datasheet (HTML) - ATMEL Corporation


ATSAM3A4CA-CU Product details

SAM3X/A Description

Atmel’s SAM3X/A series is a member of a family of Flash microcontrollers based on the high performance 32-bit ARM Cortex-M3 RISC processor. It operates at a maximum speed of 84 MHz and features up to 512 Kbytes of Flash and up to 100 Kbytes of SRAM. The peripheral set includes a High Speed USB Host and Device port with embedded transceiver, an Ethernet MAC, 2x CANs, a High Speed MCI for SDIO/SD/MMC, an External Bus Interface with NAND Flash controller, 5x UARTs, 2x TWIs, 4x SPIs, as well as 1 PWM timer, 9x general-purpose 32-bit timers, an RTC, a 12-bit ADC and a 12-bit DAC.



Features

• Core

   – ARM® Cortex®-M3 revision 2.0 running at up to 84 MHz

   – Memory Protection Unit (MPU)

   – Thumb®-2 instruction set

   – 24-bit SysTick Counter

   – Nested Vector Interrupt Controller

• Memories

   – From 256 to 512 Kbytes embedded Flash, 128-bit wide access, memory accelerator, dual bank

   – From 32 to 100 Kbytes embedded SRAM with dual banks

   – 16 Kbytes ROM with embedded bootloader routines (UART, USB) and IAP routines

   – Static Memory Controller (SMC): SRAM, NOR, NAND support. NAND Flash controller with 4-kbyte RAM buffer and ECC

• System

   – Embedded voltage regulator for single supply operation

   – POR, BOD and Watchdog for safe reset

   – Quartz or ceramic resonator oscillators: 3 to 20 MHz main and optional low power 32.768 kHz for RTC or device clock.

   – High precision 8/12 MHz factory trimmed internal RC oscillator with 4 MHz Default Frequency for fast device startup

   – Slow Clock Internal RC oscillator as permanent clock for device clock in low power mode

   – One PLL for device clock and one dedicated PLL for USB 2.0 High Speed Mini Host/Device

   – Temperature Sensor

   – Up to 17 peripheral DMA (PDC) channels and 6-channel central DMA plus dedicated DMA for High-Speed USB Mini Host/Device and Ethernet MAC

• Low Power Modes

   – Sleep and Backup modes, down to 2.5 µA in Backup mode.

   – Backup domain: VDDBU pin, RTC, eight 32-bit backup registers

   – Ultra Low-power RTC

• Peripherals

   – USB 2.0 Device/Mini Host: 480 Mbps, 4-kbyte FIFO, up to 10 bidirectional Endpoints, dedicated DMA

   – Up to 4 USARTs (ISO7816, IrDA®, Flow Control, SPI, Manchester and LIN support) and one UART

   – 2 TWI (I2C compatible), up to 6 SPIs, 1 SSC (I2S), 1 HSMCI (SDIO/SD/MMC) with up to 2 slots

   – 9-Channel 32-bit Timer/Counter (TC) for capture, compare and PWM mode, Quadrature Decoder Logic and 2-bit Gray Up/Down Counter for Stepper Motor

   – Up to 8-channel 16-bit PWM (PWMC) with Complementary Output, Fault Input, 12-bit Dead Time Generator Counter for Motor Control

   – 32-bit Real Time Timer (RTT) and RTC with calendar and alarm features

   – 16-channel 12-bit 1Msps ADC with differential input mode and programmable gain stage

   – One 2-channel 12-bit 1 Msps DAC

   – One Ethernet MAC 10/100 (EMAC) with dedicated DMA

   – Two CAN Controller with eight Mailboxes

   – One True Random Number Generator (TRNG)

   – Write Protected Registers

• I/O

   – Up to 103 I/O lines with external interrupt capability (edge or level sensitivity), debouncing, glitch filtering and on-die Series Resistor Termination

   – Up to Six 32-bit Parallel Input/Outputs (PIO)

• Packages

   – 100-lead LQFP, 14 x 14 mm, pitch 0.5 mm

   – 100-ball LFBGA, 9 x 9 mm, pitch 0.8 mm

   – 144-lead LQFP, 20 x 20 mm, pitch 0.5 mm

   – 144-ball LFBGA, 10 x 10 mm, pitch 0.8 mm



 




Similar Part No. - ATSAM3A4CA-CU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATSAM3103 ATMEL-ATSAM3103 Datasheet
179Kb / 24P
ATSAM3103 VERSATILE LOW-POWER AUDIO DSP/LOW-COST EFFECTS DSP
ATSAM3108B ATMEL-ATSAM3108B Datasheet
309Kb / 23P
Audio Processing
ATSAM3303 ATMEL-ATSAM3303 Datasheet
182Kb / 25P
GM-Lite Synthesizer/Professional Effects DSP
ATSAM3308 ATMEL-ATSAM3308 Datasheet
171Kb / 24P
Combined MIDI-Synthesizer and MP3 Decoder
ATSAM3308B ATMEL-ATSAM3308B Datasheet
358Kb / 27P
Audio Processing
More results


Similar Description - ATSAM3A4CA-CU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
SAM3U ATMEL-SAM3U Datasheet
1Mb / 59P
AT91SAM ARM-based Flash MCU
AT91SAM ATMEL-AT91SAM Datasheet
638Kb / 67P
ARM-based Flash MCU
ATSAM3U1CB-AU ATMEL-ATSAM3U1CB-AU Datasheet
1Mb / 60P
AT91SAM ARM-based Flash MCU
AT91SAM ATMEL-AT91SAM_13 Datasheet
4Mb / 775P
ARM-based Flash MCU
ATSAM3N1BB-MU ATMEL-ATSAM3N1BB-MU Datasheet
1Mb / 60P
AT91SAM ARM-based Flash MCU
SAM3S ATMEL-SAM3S_14 Datasheet
7Mb / 1087P
AT91SAM ARM-based Flash MCU
SAM4S ATMEL-SAM4S_14 Datasheet
6Mb / 1231P
ARM-based Flash MCU
SAM7L128 ATMEL-SAM7L128_14 Datasheet
2Mb / 549P
AT91SAM ARM-based Flash MCU
SAM7X128 ATMEL-SAM7X128_14 Datasheet
2Mb / 662P
ARM-based Flash MCU
SAM7S321 ATMEL-SAM7S321_14 Datasheet
4Mb / 775P
ARM-based Flash MCU
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com