Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MHW7242A Datasheet (PDF) - Motorola, Inc

MHW7242A Datasheet PDF - Motorola, Inc
Part # MHW7242A
Download  MHW7242A Download
File Size   54.43 Kbytes
Page   2 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 24 dB GAIN 750 MHz 110.CHANNEL CATV AMPLIFIER

MHW7242A Datasheet (PDF)

Go To PDF Page Download Datasheet
MHW7242A Datasheet PDF - Motorola, Inc

Part # MHW7242A
Download  MHW7242A Click to download

File Size   54.43 Kbytes
Page   2 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 24 dB GAIN 750 MHz 110.CHANNEL CATV AMPLIFIER

MHW7242A Datasheet (HTML) - Motorola, Inc


MHW7242A Product details

The RF Line
110-Channel (750 MHz) CATV Line Externder Amplifier

• Specified for 110–Channel Performance
• Broadband Power Gain - @ f = 40–750 MHz Gp = 24 dB (Typ)
• Broadband Noise Figure NF = 7 dB (Max) @ 750 MHz
• Superior Gain, Return Loss and DC Current Stability with Temperature
• All Gold Metallization
• 7 GHz fT Ion–Implanted Transistors
• Improved CTB Performance




Similar Part No. - MHW7242A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MHW7242 MOTOROLA-MHW7242 Datasheet
46Kb / 2P
24 dB GAIN 750 MHz 110.CHANNEL CATV AMPLIFIER
More results


Similar Description - MHW7242A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MHW7182A MOTOROLA-MHW7182A Datasheet
53Kb / 2P
110-Channel 750 MHz CATV Amplifier
MHW7222 MOTOROLA-MHW7222 Datasheet
48Kb / 2P
22 dB GAIN 750/860 MHz 110/128 CHANNEL CATV AMPLIFIERS
MHW7222A MOTOROLA-MHW7222A Datasheet
53Kb / 2P
22 dB GAIN 750 MHz 110 CHANNEL CATV AMPLIFIER
MHW7242 MOTOROLA-MHW7242 Datasheet
46Kb / 2P
24 dB GAIN 750 MHz 110.CHANNEL CATV AMPLIFIER
MHW7272 MOTOROLA-MHW7272 Datasheet
53Kb / 2P
27 dB GAIN 750 MHz 110.CHANNEL CATV AMPLIFIER
MHW7272A MOTOROLA-MHW7272A Datasheet
53Kb / 2P
27 dB GAIN 750 MHz 110.CHANNEL CATV AMPLIFIER
MHW7292 MOTOROLA-MHW7292 Datasheet
74Kb / 2P
29 dB GAIN 750 MHz 110.CHANNEL CATV AMPLIFIER
MHW8242A MOTOROLA-MHW8242A Datasheet
54Kb / 2P
24 dB GAIN 860 MHz 128-CHANNEL CATV AMPLIFIER
logo
Freescale Semiconductor...
MHW7185CN FREESCALE-MHW7185CN Datasheet
72Kb / 4P
750 MHz CATV 19.4 dB GAIN 110-CHANNEL Amplifier Module
MHW7185CLN FREESCALE-MHW7185CLN Datasheet
72Kb / 4P
CATV Amplifier Module 750 MHz 19.2 dB GAIN 110-CHANNEL
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com